Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM689XM Datasheet(PDF) 4 Page - Sanken electric

Part # SIM689XM
Description  600 V High Voltage 3-phase Motor Drivers
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SIM689XM Datasheet(HTML) 4 Page - Sanken electric

  SIM689XM Datasheet HTML 1Page - Sanken electric SIM689XM Datasheet HTML 2Page - Sanken electric SIM689XM Datasheet HTML 3Page - Sanken electric SIM689XM Datasheet HTML 4Page - Sanken electric SIM689XM Datasheet HTML 5Page - Sanken electric SIM689XM Datasheet HTML 6Page - Sanken electric SIM689XM Datasheet HTML 7Page - Sanken electric SIM689XM Datasheet HTML 8Page - Sanken electric SIM689XM Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 55 page
background image
SIM689xM Series
SIM689xM-DSE Rev.3.4
SANKEN ELECTRIC CO., LTD.
4
Mar. 05, 2024
https://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2021
1.
Absolute Maximum Ratings
Current polarities are defined as follows: current going into the IC (sinking) is positive current (+); current coming
out of the IC (sourcing) is negative current (−).
Unless specifically noted, TA = 25 °C, COM1 = COM2 = COM.
Parameter
Symbol
Conditions
Rating
Unit
Remarks
Main Supply Voltage
(DC)(1)
VDC
VBB–LSx
450
V
SIM6892M
SIM6895M
SIM6896M
Main Supply Voltage
(Surge)(1)
VDC(SURGE)
VBB–LSx
500
V
SIM6892M
SIM6895M
SIM6896M
IGBT / Power MOSFET
Breakdown Voltage
VDSS
VCC = 15 V,
ID = 100 μA,
VIN = 0 V
600
V
SIM6891MD
SIM6891MDN
SIM6893M
VCES
VCC = 15 V,
IC = 1 mA,
VIN = 0 V
600
V
SIM6892M
SIM6895M
SIM6896M
Logic Supply Voltage
VBS
VB1B–U,
VB2–V,
VB3–W1
20
V
Output Current(2)
IO
TC = 25 °C,
TJ < 150 °C
2.5
A
SIM6891MD
SIM6891MDN
3
SIM6896M
5
SIM6892M
SIM6893M
SIM6895M
Output Current (Pulse)
IOP
TC = 25 °C,
VCC = 15 V,
pulse width ≤ 100 μs,
single pulse
3.75
A
SIM6891MD
SIM6891MDN
4.5
SIM6896M
7.5
SIM6892M
SIM6893M
SIM6895M
Input Voltage
VIN
HINx–COM,
LINx–COM
−0.5 to 7
V
FO Pin Voltage
VFO
FO–COM
−0.5 to 7
V
OCP Pin Voltage
VOCP
OCP–COM
−0.5 to 7
V
LSx Pin Voltage (DC)
VLS(DC)
LSx–COM
−0.5 to 7
V
LSx Pin Voltage (Surge)
VLS(SURGE)
LSx–COM
−4 to 7
V
Operating Case
Temperature(3)
TC(OP)
−30 to 100
°C
Junction Temperature(4)
TJ
150
°C
Storage Temperature
TSTG
−40 to 150
°C
Isolation Voltage(5)
VISO(RMS)
Between surface of the
case and each pin; AC,
60 Hz, 1 min
1500
V
(1) Defined for the IGBT-embedded device only.
(2) Should be derated depending on an actual case temperature. See Section 15.4.
(3) Refers to a case temperature measured during IC operation.
(4) Refers to the junction temperature of each chip built in the IC, including the control MICs, transistors, and
freewheeling diodes.
(5) Refers to voltage conditions to be applied between all of the pins and the case. All the pins have to be shorted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com