Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM689XM Datasheet(PDF) 31 Page - Sanken electric

Part # SIM689XM
Description  600 V High Voltage 3-phase Motor Drivers
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SIM689XM Datasheet(HTML) 31 Page - Sanken electric

Back Button SIM689XM Datasheet HTML 27Page - Sanken electric SIM689XM Datasheet HTML 28Page - Sanken electric SIM689XM Datasheet HTML 29Page - Sanken electric SIM689XM Datasheet HTML 30Page - Sanken electric SIM689XM Datasheet HTML 31Page - Sanken electric SIM689XM Datasheet HTML 32Page - Sanken electric SIM689XM Datasheet HTML 33Page - Sanken electric SIM689XM Datasheet HTML 34Page - Sanken electric SIM689XM Datasheet HTML 35Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 55 page
background image
SIM689xM Series
SIM689xM-DSE Rev.3.4
SANKEN ELECTRIC CO., LTD.
31
Mar. 05, 2024
https://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2021
14.1.3
Estimating Junction Temperature
of IGBT
The junction temperature of all IGBTs operating, TJ,
can be estimated with Equation (6):
TJ = R(J−C)Q × {(PON + PSW) × 6} + TC .
(6)
Where:
R(J-C)Q is the junction-to-case thermal resistance
(°C/W) of all the IGBTs operating, and
TC is the case temperature (°C), measured at the point
defined in Figure 3-1.
14.2 Power MOSFET
Total power loss in a power MOSFET can be
obtained by taking the sum of the following losses:
steady-state loss, PRON; switching loss, PSW; the steady-
state loss of a body diode, PSD. In the calculation
procedure we offer, the recovery loss of a body diode,
PRR, is considered negligibly small compared with the
ratios of other losses.
The following subsections contain the mathematical
procedures to calculate these losses (PRON, PSW, and PSD)
and the junction temperature of all power MOSFETs
operating.
14.2.1
Power MOSFET Steady-state Loss,
PRON
Steady-state loss in a power MOSFET can be
computed by using the RDS(ON) vs. ID curves, listed in
Section 15.3.1. As expressed by the curves in Figure
14-2, a linear approximation at a range the ID is actually
used is obtained by: RDS(ON) = α × ID + β. The values
gained by the above calculation are then applied as
parameters in Equation (7), below. Hence, the equation
to obtain the power MOSFET steady-state loss, PRON, is:
PRON =
1
2π
∫ ID (φ)2 × RDS(ON)(φ) × DT × dφ
π
0
= 2√2α (
1
3π
+
3
32
M × cos θ) IM
3
+2β (
1
8
+
1
3π
M × cos θ) IM
2 .
(7)
Where:
ID is the drain current of the power MOSFET (A),
RDS(ON) is the drain-to-source on-resistance of the
power MOSFET (Ω),
DT is the duty cycle, which is given by
DT =
1 + M × sin(φ + θ)
2
,
M is the modulation index (0 to 1),
cosθ is the motor power factor (0 to 1),
IM is the effective motor current (A),
α is the slope of the linear approximation in the RDS(ON)
vs. ID curve, and
β is the intercept of the linear approximation in the
RDS(ON) vs. ID curve.
Figure 14-2.
Linear Approximate Equation of
RDS(ON) vs. ID
14.2.2
Power MOSFET Switching Loss,
PSW
Switching loss in a power MOSFET can be calculated
by Equation (8), letting IM be the effective current value
of the motor:
PSW =
√2
π
× fC × αE × IM ×
VDC
300
.
(8)
Where:
fC is the PWM carrier frequency (Hz),
VDC is the main power supply voltage (V), i.e., the
VBB pin input voltage, and
αE is the slope of the switching loss curve (see Section
14.2.2).
y = 0.56x + 3.7
0.0
1.0
2.0
3.0
4.0
5.0
6.0
0.0
0.5
1.0
1.5
2.0
2.5
I
D (A)
VCCx = 15 V
25°C
75°C
125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com