Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM689XM Datasheet(PDF) 21 Page - Sanken electric

Part # SIM689XM
Description  600 V High Voltage 3-phase Motor Drivers
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SIM689XM Datasheet(HTML) 21 Page - Sanken electric

Back Button SIM689XM Datasheet HTML 17Page - Sanken electric SIM689XM Datasheet HTML 18Page - Sanken electric SIM689XM Datasheet HTML 19Page - Sanken electric SIM689XM Datasheet HTML 20Page - Sanken electric SIM689XM Datasheet HTML 21Page - Sanken electric SIM689XM Datasheet HTML 22Page - Sanken electric SIM689XM Datasheet HTML 23Page - Sanken electric SIM689XM Datasheet HTML 24Page - Sanken electric SIM689XM Datasheet HTML 25Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 55 page
background image
SIM689xM Series
SIM689xM-DSE Rev.3.4
SANKEN ELECTRIC CO., LTD.
21
Mar. 05, 2024
https://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2021
12. Functional Descriptions
Unless specifically noted, this section uses the
following definitions:
● All the characteristic values given in this section are
typical values.
● All the circuit diagrams listed in this section represent
the type of IC that incorporates power MOSFETs. All
the functional descriptions in this section are also
applicable to the type of IC that incorporates IGBTs.
● For pin and peripheral component descriptions, this
section employs a notation system that denotes a pin
name with the arbitrary letter “x”, depending on
context. Thus, “the VCCx pin” is used when referring
to either or both of the VCC1 and VCC2 pins.
● The COM1 pin is always connected to the COM2 pin.
12.1 Turning On and Off the IC
The procedures listed below provide recommended
startup and shutdown sequences. To turn on the IC
properly, do not apply any voltage on the VBB, HINx,
and LINx pins until the VCCx pin voltage has reached a
stable state (VCC(ON) ≥ 12.5 V).
It is required to fully charge bootstrap capacitors, CBx,
at startup (see Section 12.2.2).
To turn off the IC, set the HINx and LINx pins to
logic low (or “L”), and then decrease the VCCx pin
voltage.
12.2 Pin Descriptions
12.2.1
U, V, V1, V2, W1, and W2
The U, V1, V2, W1, and W2 pins are the outputs of
the three phases, and serve as the connection terminals
to the 3-phase motor. The V pin must be connected to a
bootstrap capacitor of the V-phase. Do not connect the
3-phase motor to the V pin. The V1 and W1 pins must
be connected to the V2 and W2 pins on a PCB,
respectively.
The U, V (V1) and W1 pins are the grounds for the
VB1A (VB1B), VB2, and VB3 pins. The U, V, and W1
pins are connected to the negative nodes of bootstrap
capacitors, CBx. The V pin is internally connected to the
V1 pin.
Since high voltages are applied to these output pins
(U, V1, V2, W1, and W2), it is required to take
measures for insulating as follows:
● Keep enough distance between the output pins and
low-voltage traces.
● Coat the output pins with insulating resin.
12.2.2
VB1A, VB1B, VB2, and VB3
These pins are connected to bootstrap capacitors for
the high-side floating supply.
In actual applications, use either of the VB1A or
VB1B pin because they are internally connected.
Voltages across the VBx and these output pins should
be maintained within the recommended range (i.e., the
Logic Supply Voltage, VBS) given in Section 0.
A bootstrap capacitor, CBx, should be connected in
each of the traces between the VB1A (VB1B) and U
pins, the VB2 and V pins, the VB3 and W1 pins.
For proper startup, turn on the low-side transistor first,
then fully charge the bootstrap capacitor, CBx.
For the capacitance of the bootstrap capacitors, CBx,
choose the values that satisfy Equations (1) and (2).
Note
that
capacitance
tolerance
and
DC
bias
characteristics must be taken into account when you
choose appropriate values for CBx.
CBx(μF) > 800 × tL(OFF)
(1)
1 μF ≤ CBx ≤ 220 μF
(2)
In Equation (1), let tL(OFF) be the maximum off-time of
the low-side transistor (i.e., the non-charging time of
CBx), measured in seconds.
Even while the high-side transistor is not on, voltage
across the bootstrap capacitor keeps decreasing due to
power dissipation in the IC. When the VBx pin voltage
decreases to VBS(OFF) or less, the high-side undervoltage
lockout (UVLO_VB) starts operating (see Section
12.4.2.1). Therefore, actual board checking should be
done thoroughly to validate that voltage across the VBx
pin maintains over 11.0 V (VBS > VBS(OFF)) during a low-
frequency operation such as a startup period.
As Figure 12-1 shows, a bootstrap diode, DBx, and a
current-limiting resistor, RBx, are internally placed in
series between the VCC1 and VBx pins.
Time constant for the charging time of CBx, τ, can be
computed by Equation (3):
τ = CBx × RBx ,
(3)
where CBx is the optimized capacitance of the
bootstrap capacitor, and RBx is the resistance of the
current-limiting resistor (60 Ω ± 25%).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com