Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM689XM Datasheet(PDF) 34 Page - Sanken electric

Part # SIM689XM
Description  600 V High Voltage 3-phase Motor Drivers
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SIM689XM Datasheet(HTML) 34 Page - Sanken electric

Back Button SIM689XM Datasheet HTML 30Page - Sanken electric SIM689XM Datasheet HTML 31Page - Sanken electric SIM689XM Datasheet HTML 32Page - Sanken electric SIM689XM Datasheet HTML 33Page - Sanken electric SIM689XM Datasheet HTML 34Page - Sanken electric SIM689XM Datasheet HTML 35Page - Sanken electric SIM689XM Datasheet HTML 36Page - Sanken electric SIM689XM Datasheet HTML 37Page - Sanken electric SIM689XM Datasheet HTML 38Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 55 page
background image
SIM689xM Series
SIM689xM-DSE Rev.3.4
SANKEN ELECTRIC CO., LTD.
34
Mar. 05, 2024
https://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2021
Figure 15-1.
Logic Supply Current, ICC vs. TC
(INx = 0 V)
Figure 15-2.
Logic Supply Current, ICC vs. TC
(INx = 5 V)
Figure 15-3.
VCCx Pin Voltage, VCC vs. Logic
Supply Current, ICC curve
Figure 15-4.
Logic Supply Current (1-phase) IBS vs. TC
(HINx = 0 V)
Figure 15-5.
Logic Supply Current (1-phase) IBS vs.
TC (HINx = 5 V)
Figure 15-6.
VBx Pin Voltage, VB vs. Logic Supply
Current, IBS (HINx = 0 V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
-30
0
30
60
90
120
150
T
C (°C)
Max.
Typ.
Min.
VCCx = 15 V, HINx = 0 V, LINx = 0 V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
-30
0
30
60
90
120
150
T
C (°C)
Max.
Typ.
Min.
VCCx = 15 V, HINx = 5 V, LINx = 5 V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
12
13
14
15
16
17
18
19
20
V
CC (V)
HINx = 0 V, LINx = 0 V
−30 °C
25 °C
125 °C
0
50
100
150
200
250
-30
0
30
60
90
120
150
T
C (°C)
VBx = 15 V, HINx = 0 V
Max.
Typ.
Min.
0
50
100
150
200
250
-30
0
30
60
90
120
150
T
C (°C)
VBx = 15 V, HINx = 5 V
Max.
Typ.
Min.
0
20
40
60
80
100
120
12
13
14
15
16
17
18
19
20
V
B (V)
VBx = 15 V, HINx = 0 V
−30 °C
25 °C
125 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com