Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM689XM Datasheet(PDF) 1 Page - Sanken electric

Part # SIM689XM
Description  600 V High Voltage 3-phase Motor Drivers
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SIM689XM Datasheet(HTML) 1 Page - Sanken electric

  SIM689XM Datasheet HTML 1Page - Sanken electric SIM689XM Datasheet HTML 2Page - Sanken electric SIM689XM Datasheet HTML 3Page - Sanken electric SIM689XM Datasheet HTML 4Page - Sanken electric SIM689XM Datasheet HTML 5Page - Sanken electric SIM689XM Datasheet HTML 6Page - Sanken electric SIM689XM Datasheet HTML 7Page - Sanken electric SIM689XM Datasheet HTML 8Page - Sanken electric SIM689XM Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
600 V High Voltage 3-phase Motor Drivers
SIM689xM Series
Data Sheet
SIM689xM-DSE Rev.3.4
SANKEN ELECTRIC CO., LTD.
1
Mar. 05, 2024
https://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2021
Description
The SIM689xM series are high voltage 3-phase motor
drivers in which transistors, pre-drive circuits, and
bootstrap circuits (diodes and resistors) are highly
integrated. These products can optimally control the
inverter systems of low- to medium-capacity motors that
require universal input standards.
Features
● Pb-free (RoHS Compliant)
● Temperature Sensing Function
● Built-in Bootstrap Diodes with Current Limiting
Resistors (60 Ω)
● CMOS-compatible Input (3.3 V or 5 V)
● Isolation Voltage: 1500 V (for 1 min)
UL-recognized Component (File No.: E118037)
● Fault Signal Output at Protection Activation (FO Pin)
● Protections Include:
Overcurrent Protection (OCP): Auto-restart
Undervoltage Lockout for Power Supply
High-side (UVLO_VB): Auto-restart
Low-side (UVLO_VCC): Auto-restart
Thermal Shutdown (TSD): Auto-restart
Typical Application (SIM6891MD)
(NC)
VCC1
VB1B
VB3
W2
U
FO
COM2
LIN1
LIN2
LIN3
VCC2
COM1
HIN1
HIN2
HIN3
VT
W1
V1
VBB
V2
OCP
LS3B
LS2
40
LS3A
LS2
V
VB2
VB1A
LS1
CFO
5 V
RFO
RS
RO
CO
VCC
CB1
CB3
CB2
M
CDC
CS
VDC
High-side
MIC
3
4
5
6
7
8
9
12
13
14
15
16
17
1
2
11
21
23
24
26
28
30
31
33
35
37
HIN1
HIN2
HIN3
LIN1
LIN2
LIN3
Fault
GND
10
20
19
VT
Low-side
MIC
CVT
RVT
Controller
power supply
Package
DIP40
Mold Dimensions: 36.0 mm × 14.8 mm × 4.0 mm
Leadform 2971
Not to scale
Selection Guide
● Breakdown Voltage: 600 V
IO
Part Number
Feature
2.5 A
SIM6891MD*
Power MOSFET,
low switching dissipation
2.5 A
SIM6891MDN
Power MOSFET,
noise reduction
5 A
SIM6893M
Power MOSFET
3 A
SIM6896M
IGBT with FRD
5 A
SIM6892M
IGBT with FRD,
low switching dissipation
5 A
SIM6895M
IGBT with FRD,
noise reduction
* Under development
Applications
For motor drives such as:
● Refrigerator Compressor Motor
● Fan Motor and Pump Motor for Washer and Dryer
● Fan Motor for Air Conditioner
● Fan Motor for Air Purifier
40
1
20
21
40
1
20
21


Similar Part No. - SIM689XM

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SIM6800M ALLEGRO-SIM6800M Datasheet
317Kb / 16P
High Voltage 3-Phase Motor Driver ICs
logo
Sanken electric
SIM6800M SANKEN-SIM6800M Datasheet
2Mb / 52P
500V / 600V High Voltage 3-phase Motor Driver ICs
SIM6811M SANKEN-SIM6811M Datasheet
2Mb / 52P
500V / 600V High Voltage 3-phase Motor Driver ICs
SIM6811M SANKEN-SIM6811M Datasheet
2Mb / 52P
500V / 600V High Voltage 3-phase Motor Driver ICs
SIM6812M SANKEN-SIM6812M Datasheet
553Kb / 16P
High Voltage 3-Phase Motor Driver ICs
More results

Similar Description - SIM689XM

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SLA6820M SANKEN-SLA6820M Datasheet
309Kb / 14P
High Voltage 3-Phase Motor Drivers
SMA6850M SANKEN-SMA6850M Datasheet
334Kb / 15P
High Voltage 3-Phase Motor Drivers
SMA6860M SANKEN-SMA6860M Datasheet
350Kb / 17P
High Voltage 3-Phase Motor Drivers
logo
Allegro MicroSystems
SLA6860M ALLEGRO-SLA6860M Datasheet
334Kb / 17P
High Voltage 3-Phase Motor Drivers
SLA6870MZ ALLEGRO-SLA6870MZ Datasheet
371Kb / 19P
High Voltage 3-Phase Motor Drivers
SMA6820MP ALLEGRO-SMA6820MP Datasheet
301Kb / 13P
High Voltage 3-Phase Motor Drivers
SX68000M ALLEGRO-SX68000M Datasheet
515Kb / 15P
High Voltage 3-Phase Motor Drivers
logo
Sanken electric
SLA6868MZ SANKEN-SLA6868MZ Datasheet
262Kb / 18P
High Voltage 3-Phase Motor Drivers
SMA6820MH SANKEN-SMA6820MH Datasheet
185Kb / 11P
High Voltage 3-Phase Motor Drivers
SMA6860MZ SANKEN-SMA6860MZ Datasheet
249Kb / 19P
High Voltage 3-Phase Motor Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com