Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM689XM Datasheet(PDF) 5 Page - Sanken electric

Part # SIM689XM
Description  600 V High Voltage 3-phase Motor Drivers
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SIM689XM Datasheet(HTML) 5 Page - Sanken electric

  SIM689XM Datasheet HTML 1Page - Sanken electric SIM689XM Datasheet HTML 2Page - Sanken electric SIM689XM Datasheet HTML 3Page - Sanken electric SIM689XM Datasheet HTML 4Page - Sanken electric SIM689XM Datasheet HTML 5Page - Sanken electric SIM689XM Datasheet HTML 6Page - Sanken electric SIM689XM Datasheet HTML 7Page - Sanken electric SIM689XM Datasheet HTML 8Page - Sanken electric SIM689XM Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 55 page
background image
SIM689xM Series
SIM689xM-DSE Rev.3.4
SANKEN ELECTRIC CO., LTD.
5
Mar. 05, 2024
https://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2021
2.
Recommended Operating Conditions
Unless specifically noted, COM1 = COM2 = COM.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Remarks
Main Supply Voltage
VDC
VBB–COM
—
300
400
V
Logic Supply Voltage
VCC
VCCx–COM
13.5
15.0
16.5
V
VBS
VB1B–U,
VB2–V,
VB3–W1
13.5
—
16.5
V
Input Voltage
(HINx, LINx, OCP)
VIN
0
—
5.5
V
Minimum Input Pulse Width
tIN(MIN)ON
0.5
—
—
μs
tIN(MIN)OFF
0.5
—
—
μs
Dead Time of Input Signal
tDEAD
1.5
—
—
μs
FO Pin Pull-up Voltage
VFO
3.0
—
5.5
V
FO Pin Pull-up Resistor
RFO
3.3
—
10
kΩ
FO Pin Noise Filter Capacitor
CFO
0.001
—
0.01
μF
Bootstrap Capacitor
CBOOT
1
—
220
μF
VT Pin Pull-down Resistor(1)
RVT
100
—
—
kΩ
VT Pin Capacitor
CVT
0.001
—
0.01
μF
Shunt Resistor(2)
RS
IOP ≤ 3.75 A
144
—
—
mΩ
SIM6891MD
SIM6891MDN
IOP ≤ 4.5 A
120
—
—
SIM6896M
IOP ≤ 7.5 A
72
—
—
SIM6892M
SIM6893M
SIM6895M
RC Filter Resistor
RO
—
—
100
Ω
RC Filter Capacitor
CO
1000
—
2200
pF
PWM Carrier Frequency
fC
—
—
20
kHz
Operating Case Temperature
TC(OP)
—
—
100
°C
(1) Refers to a combined resistance with the input impedance of the microcontroller.
(2) Should be a low-inductance resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com