Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM689XM Datasheet(PDF) 23 Page - Sanken electric

Part # SIM689XM
Description  600 V High Voltage 3-phase Motor Drivers
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SIM689XM Datasheet(HTML) 23 Page - Sanken electric

Back Button SIM689XM Datasheet HTML 19Page - Sanken electric SIM689XM Datasheet HTML 20Page - Sanken electric SIM689XM Datasheet HTML 21Page - Sanken electric SIM689XM Datasheet HTML 22Page - Sanken electric SIM689XM Datasheet HTML 23Page - Sanken electric SIM689XM Datasheet HTML 24Page - Sanken electric SIM689XM Datasheet HTML 25Page - Sanken electric SIM689XM Datasheet HTML 26Page - Sanken electric SIM689XM Datasheet HTML 27Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 55 page
background image
SIM689xM Series
SIM689xM-DSE Rev.3.4
SANKEN ELECTRIC CO., LTD.
23
Mar. 05, 2024
https://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2021
12.2.4 COM1 and COM2
These are the logic ground pins for the built-in control
MICs. The COM1 and COM2 pins should be connected
externally on a PCB because they are not internally
connected. Varying electric potential of the logic ground
can be a cause of improper operations. Therefore,
connect the logic ground as close and short as possible
to a shunt resistor, RSx, at a single-point ground (or star
ground) which is separated from the power ground (see
Figure 12-5).
COM1
VBB
LS3A
LS2
LS1
COM2
VDC
RS1
RS2
RS3
CDC
CS
OCP
11
1
2
28
16
6
Create a single-point ground
(a star ground) near RSx, but
keep it separated from the
power ground.
Connect the
COM1 and COM2
pins on a PCB.
U1
Figure 12-5.
Connections to Logic Ground
12.2.5
HIN1, HIN2, and HIN3;
LIN1, LIN2, and LIN3
These are the input pins of the internal motor drivers
for each phase. The HINx pin acts as a high-side
controller; the LINx pin acts as a low-side controller.
Figure 12-6 shows an internal circuit diagram of the
HINx or LINx pin. This is a CMOS Schmitt trigger
circuit with a built-in 20 kΩ pull-down resistor, and its
input logic is active high.
Input signals applied across the HINx–COMx and the
LINx–COMx pins in each phase should be set within the
ranges provided in Table 12-1, below. Note that dead
time setting must be done for HINx and LINx signals
because the IC does not have a dead time generator.
The higher PWM carrier frequency rises, the more
switching loss increases. Hence, the PWM carrier
frequency must be set so that operational case
temperatures and junction temperatures have sufficient
margins against the absolute maximum ranges, specified
in Section 1.
If the signals from the microcontroller become
unstable, the IC may result in malfunctions. To avoid
such malfunctions, set the microcontroller output line
not to have high-impedance outputs.. Also, if the traces
from the microcontroller to the HINx or LINx pin (or
both) are too long, the traces may be interfered by noise.
Therefore, it is recommended to add an additional filter
or a pull-down resistor near the HINx or LINx pin as
needed (see Figure 12-7).
Here are filter circuit constants for reference:
–
RIN1x: 33 Ω to 500 Ω
–
RIN2x: 5 kΩ to 10 kΩ
–
CINx: 100 pF to 200 pF
Care should be taken in adding RIN1x and RIN2x to the
traces. When they are connected to each other, the input
voltage of the HINx and LINx pins becomes slightly
lower than the output voltage of the microcontroller.
Table 12-1. Input Signals for HINx and LINx Pins
Parameter
High Level Signal
Low Level Signal
Input
Voltage
3 V < VIN < 5.5 V
0 V < VIN < 0.5 V
Input
Pulse
Width
≥0.5 μs
≥0.5 μs
PWM
Carrier
Frequency
≤20 kHz
Dead
Time
≥1.5 μs
HINx
(LINx)
COM1
(COM2)
5 V
2 kΩ
20 kΩ
U1
2 kΩ
Figure 12-6.
Internal Circuit Diagram of HINx or
LINx Pin
RIN1x
RIN2x
CINx
U1
Input
signal
Controller
HINx/
LINx
SIM689xM
Figure 12-7.
Filter Circuit for HINx or LINx Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com