Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM689XM Datasheet(PDF) 25 Page - Sanken electric

Part # SIM689XM
Description  600 V High Voltage 3-phase Motor Drivers
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SIM689XM Datasheet(HTML) 25 Page - Sanken electric

Back Button SIM689XM Datasheet HTML 21Page - Sanken electric SIM689XM Datasheet HTML 22Page - Sanken electric SIM689XM Datasheet HTML 23Page - Sanken electric SIM689XM Datasheet HTML 24Page - Sanken electric SIM689XM Datasheet HTML 25Page - Sanken electric SIM689XM Datasheet HTML 26Page - Sanken electric SIM689XM Datasheet HTML 27Page - Sanken electric SIM689XM Datasheet HTML 28Page - Sanken electric SIM689XM Datasheet HTML 29Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 55 page
background image
SIM689xM Series
SIM689xM-DSE Rev.3.4
SANKEN ELECTRIC CO., LTD.
25
Mar. 05, 2024
https://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2021
and Table 12-3 provide the details of variations found in
Figure 12-11.
Temperature sensing voltages may exceed 3.0 V,
causing permanent damage to the IC in the worst case.
To protect the parts connected to the VT pin such as the
microcontroller, add a clamp diode, DVT, between the
microcontroller power supply and the VT pin (see
Figure 12-10).
Controller power supply
VT
COM2
10
DVT
6
CVT
Controller
RVT
Figure 12-10.
VT Pin Peripheral Circuit
Figure 12-11.
VT Pin Voltage vs. Internal Control
Stage Junction Temperature, TJ(MIC) (Design Value)
Table 12-2. TJ(MIC) Variation on VT Pin Voltage (Design
Value)
VT Pin Voltage
(V)
TJ(MIC)
(°C)
1.30
50 ± 4
3.15
125 ± 3
Table 12-3. VT Pin Voltage Variation on TJ(MIC) (Design
Value)
TJ(MIC)
(°C)
VT Pin Voltage
(V)
50
1.30 ± 0.10
125
3.15 ± 0.07
12.4 Protection Functions
This section describes the various protection circuits
provided in the SIM689xM series. The protection
circuits include the undervoltage lockout for power
supplies (UVLO), the overcurrent protection (OCP), and
the thermal shutdown (TSD). In case one or more of
these protection circuits are activated, the FO pin
outputs a fault signal; as a result, the external
microcontroller can stop the operations of the three
phases by receiving the fault signal. In the following
functional descriptions, “HOx” denotes a gate input
signal on the high-side transistor, whereas “LOx”
denotes a gate input signal on the low-side transistor.
“VBx–HSx” refers to the voltages between the VBx pin
and output pins (U, V, and W1).
12.4.1
Fault Signal Output
In case one or more of the following protections are
actuated, an internal transistor, QFO, turns on, then the
FO pin becomes logic low (≤0.5 V).
1) Low-side undervoltage lockout (UVLO_VCC)
2) Overcurrent protection (OCP)
3) Thermal shutdown (TSD)
While the FO pin is in the low state, all the low-side
transistors turn off. In normal operation, the FO pin
outputs a high signal of about 5 V. Motor operations
must be controlled by the external microcontroller so
that it can immediately stop the motor when fault signals
are detected. To prevent the IC from having permanent
damage at OCP activation, be sure to set the motor
operation to stop within tP = 10.0 ms (typ.). tP is the fault
signal output time of the FO pin, fixed by a built-in
feature of the IC itself (see Section 12.4.3). To resume
the motor operation thereafter, set the motor to be
resumed after a lapse of ≥2 seconds.
12.4.2
Undervoltage Lockout for Power
Supply (UVLO)
In case the gate-driving voltages of the output
transistors decrease, their steady-state power dissipations
increase.
This
overheating
condition
may
cause
permanent damage to the IC in the worst case. To
prevent this event, the SIM689xM series has the
undervoltage lockout (UVLO) circuits for both of the
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
25
50
75
100
125
150
Junction Temperature, T
J(MIC) (°C)
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com