Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM689XM Datasheet(PDF) 6 Page - Sanken electric

Part # SIM689XM
Description  600 V High Voltage 3-phase Motor Drivers
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SIM689XM Datasheet(HTML) 6 Page - Sanken electric

Back Button SIM689XM Datasheet HTML 2Page - Sanken electric SIM689XM Datasheet HTML 3Page - Sanken electric SIM689XM Datasheet HTML 4Page - Sanken electric SIM689XM Datasheet HTML 5Page - Sanken electric SIM689XM Datasheet HTML 6Page - Sanken electric SIM689XM Datasheet HTML 7Page - Sanken electric SIM689XM Datasheet HTML 8Page - Sanken electric SIM689XM Datasheet HTML 9Page - Sanken electric SIM689XM Datasheet HTML 10Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 55 page
background image
SIM689xM Series
SIM689xM-DSE Rev.3.4
SANKEN ELECTRIC CO., LTD.
6
Mar. 05, 2024
https://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2021
3.
Electrical Characteristics
Current polarities are defined as follows: current going into the IC (sinking) is positive current (+); current coming
out of the IC (sourcing) is negative current (−).
Unless specifically noted, TA = 25 °C, VCC = 15 V, COM1 = COM2 = COM.
3.1
Characteristics of Control Parts
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Remarks
Power Supply Operation
Low-side Logic Operation Start
Voltage
VCC(ON)
VCCx–COM
10.5
11.5
12.5
V
Low-side Logic Operation Stop
Voltage
VCC(OFF)
VCCx–COM
10.0
11.0
12.0
V
High-side Logic Operation Start
Voltage
VBS(ON)
VB1B–U,
VB2–V,
VB3–W1
9.5
10.5
11.5
V
High-side Logic Operation Stop
Voltage
VBS(OFF)
VB1B–U,
VB2–V,
VB3–W1
9.0
10.0
11.0
V
Logic Supply Current
ICC
Total sink current of
the VCC1 and VCC2
pins.
—
2.0
—
mA
IBS
VB1B–U or VB2–V or
VB3–W1; HINx = 5 V;
VBx pin current in
1-phase operation
—
85
170
μA
Input Signal
High Level Input Threshold
Voltage (HINx, LINx)
VIH
—
2.0
2.5
V
Low Level Input Threshold
Voltage (HINx, LINx)
VIL
1.0
1.5
—
V
High Level Input Current
(HINx, LINx)
IIH
VIN = 5 V
—
230
500
μA
Low Level Input Current
(HINx, LINx)
IIL
VIN = 0 V
—
—
2
μA
Fault Signal Output
FO Pin Voltage at Fault Signal
Output
VFOL
VFO = 5 V,
RFO = 10 kΩ
0
—
0.5
V
FO Pin Voltage in Normal
Operation
VFOH
VFO = 5 V,
RFO = 10 kΩ
4.8
—
—
V
Protection
OCP Threshold Voltage
VTRIP
0.46
0.50
0.54
V
OCP Hold Time
tP
5.0
10.0
—
ms
OCP Blanking Time
tBK(OCP)
—
2
—
μs
Temperature Sensing
Voltage*
VT
TJ(MIC) = 125 °C
2.997
3.155
3.313
V
TSD Operating Temperature*
TDH
135
150
165
°C
TSD Releasing Temperature*
TDL
105
120
135
°C
* Determined by the junction temperature of the control parts, but not of the output transistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com