Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM689XM Datasheet(PDF) 8 Page - Sanken electric

Part # SIM689XM
Description  600 V High Voltage 3-phase Motor Drivers
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SIM689XM Datasheet(HTML) 8 Page - Sanken electric

Back Button SIM689XM Datasheet HTML 4Page - Sanken electric SIM689XM Datasheet HTML 5Page - Sanken electric SIM689XM Datasheet HTML 6Page - Sanken electric SIM689XM Datasheet HTML 7Page - Sanken electric SIM689XM Datasheet HTML 8Page - Sanken electric SIM689XM Datasheet HTML 9Page - Sanken electric SIM689XM Datasheet HTML 10Page - Sanken electric SIM689XM Datasheet HTML 11Page - Sanken electric SIM689XM Datasheet HTML 12Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 55 page
background image
SIM689xM Series
SIM689xM-DSE Rev.3.4
SANKEN ELECTRIC CO., LTD.
8
Mar. 05, 2024
https://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2021
3.3
Thermal Resistance Characteristics
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Remarks
Junction-to-Case Thermal
Resistance(1)
RJ-C
All power MOSFETs
operating
—
—
3.6
°C/W
SIM6893M
SIM6891MD
SIM6891MDN
R(J-C)Q(2)
All IGBTs operating
—
—
3.6
°C/W
SIM6892M
SIM6895M
SIM6896M
R(J-C)F(3)
All freewheeling
diodes operating
—
—
4.2
°C/W
SIM6892M
SIM6895M
SIM6896M
Junction-to-Ambient
Thermal Resistance
RJ-A
All power MOSFETs
operating
—
—
25
°C/W
SIM6893M
SIM6891MD
SIM6891MDN
R(J-A)Q
All IGBTs operating
—
—
25
°C/W
SIM6892M
SIM6895M
SIM6896M
R(J-A)F
All freewheeling
diodes operating
—
—
29
°C/W
SIM6892M
SIM6895M
SIM6896M
(1) Refers to a case temperature at the measurement point described in Figure 3-1, below.
(2) Refers to steady-state thermal resistance between the junction of the built-in transistors and the case. For transient
thermal characteristics, see Section 15.2.
(3) Refers to steady-state thermal resistance between the junction of the built-in freewheeling diodes and the case.
Measurement point
5 mm
20
1
21
40
Figure 3-1.
Case Temperature Measurement Point



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com