Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM689XM Datasheet(PDF) 27 Page - Sanken electric

Part # SIM689XM
Description  600 V High Voltage 3-phase Motor Drivers
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SIM689XM Datasheet(HTML) 27 Page - Sanken electric

Back Button SIM689XM Datasheet HTML 23Page - Sanken electric SIM689XM Datasheet HTML 24Page - Sanken electric SIM689XM Datasheet HTML 25Page - Sanken electric SIM689XM Datasheet HTML 26Page - Sanken electric SIM689XM Datasheet HTML 27Page - Sanken electric SIM689XM Datasheet HTML 28Page - Sanken electric SIM689XM Datasheet HTML 29Page - Sanken electric SIM689XM Datasheet HTML 30Page - Sanken electric SIM689XM Datasheet HTML 31Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 55 page
background image
SIM689xM Series
SIM689xM-DSE Rev.3.4
SANKEN ELECTRIC CO., LTD.
27
Mar. 05, 2024
https://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2021
VBB
LSx
COM
OCP
COM2
A/D
RSx
RO
CO
DRS
VTRIP
100 kΩ
Blanking
filter
Output SW turn-off
and QFO turn-on
-
+
2 µs
U1
3
6
28
2 kΩ
Figure 12-14.
Internal Circuit Diagram of OCP Pin
and Its Peripheral Circuit
Figure 12-15 is a timing chart that represents
operation waveforms during OCP operation. When the
OCP pin voltage increases to the OCP Threshold
Voltage (VTRIP = 0.50 V) or more, and remains in this
condition for a period of the OCP Blanking Time (see
Section 3.1) or longer, the OCP circuit is activated. The
enabled OCP circuit shuts off the low-side transistors
and puts the FO pin into a low state.
Then, output current decreases as a result of the
output transistor turn-offs. Even if the OCP pin voltage
falls below VTRIP, the IC holds the FO pin in the low
state for a fixed OCP hold time, tP = 10.0 ms (typ.).
Then, the output transistors operate according to input
signals.
The OCP is used for detecting abnormal conditions,
such as an output transistor shorted. In case short-circuit
conditions occur repeatedly, the output transistors can be
destroyed. For this reason, motor operations must be
controlled by the external microcontroller so that it can
immediately stop the motor when fault signals are
detected.
LINx
HINx
HOx
LOx
FO
0
0
0
0
0
OCP
VTRIP
tBK
tBK
tP
tBK
HOx responds to input signal.
FO restarts automatically after tP.
0
Figure 12-15.
OCP Operational Waveforms
For proper shunt resistor setting, your application
must meet the following:
● Use the shunt resistor that has a recommended
resistance, RSx (see Section 0).
● Set the OCP pin input voltage to vary within the rated
OCP pin voltages, VOCP (see Section 1).
● Keep the current through the output transistors below
the rated output current (pulse), IOP (see Section 1).
It is required to use a resistor with low internal
inductance because high-frequency switching current
will flow through the shunt resistors, RSx. In addition,
choose a resistor with allowable power dissipation
according to your application.
When you connect a CR filter (i.e., a pair of a filter
resistor, Rsx, and a filter capacitor, CO) to the OCP pin,
care should be taken in setting the time constants of RO
and CO. The larger the time constant, the longer the time
that the OCP pin voltage rises to VTRIP. And this may
cause
permanent
damage
to
the
transistors.
Consequently, a propagation delay of the IC must be
taken into account when you determine the time
constants. For RO and CO, their time constants must be
set to ≤0.2 µs.
Note that overcurrents are undetectable when one or
more of the U, V/V1/V2, and W1/W2 pins or their traces
are shorted to ground (ground fault). In case any of these
pins falls into a state of ground fault, the output
transistors may be destroyed.
12.4.4
Thermal Shutdown (TSD)
The SIM689xM series incorporates the thermal
shutdown (TSD) circuit. Figure 12-16 shows TSD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com