Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW6236 Datasheet(PDF) 15 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

Part # SW6236
Description  AACC 4-Port Multi-Protocol Power Bank SoC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISMARTWARE [ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD]
Direct Link  https://www.ismartware.com/
Logo ISMARTWARE - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

SW6236 Datasheet(HTML) 15 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

Back Button SW6236 Datasheet HTML 11Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6236 Datasheet HTML 12Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6236 Datasheet HTML 13Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6236 Datasheet HTML 14Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6236 Datasheet HTML 15Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6236 Datasheet HTML 16Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6236 Datasheet HTML 17Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6236 Datasheet HTML 18Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6236 Datasheet HTML 19Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
SW6236
AACC 四口多协议移动电源 SO
C
Copyright © 2024, ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD.
Jan 8, 2024 – V0.1.0
第
- 15 - 页 共 23 页
放电时,数码管常亮显示当前电量;当电量低于
5%时,数码管以 1HZ 闪烁提示电量不足;在低电状态
下,数码管显示
0%闪烁 5 次后系统关机。
充电时,数码管个位闪烁显示当前电量。
异常时,如输出过流、输出短路、芯片过温、
NTC 保护等,数码管全闪 5 次提示异常后系统关机。
8.17. LED 灯显示
SW6236 支持 LED 灯显示。LED 灯驱动支持 3~5 个灯,可自动识别 LED 灯个数,闪烁频率为 500ms
亮,
500ms 灭。
5 灯状态下其连接方式如下:
5 灯放电状态下电池电量指示表:
电量
C(%)
LED1
LED2
LED3
LED4
LED5
80%<C≤100%
亮
亮
亮
亮
亮
60%<C≤80%
亮
亮
亮
亮
灭
SW6236



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com