Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW6236 Datasheet(PDF) 5 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

Part # SW6236
Description  AACC 4-Port Multi-Protocol Power Bank SoC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISMARTWARE [ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD]
Direct Link  https://www.ismartware.com/
Logo ISMARTWARE - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

SW6236 Datasheet(HTML) 5 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

  SW6236 Datasheet HTML 1Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6236 Datasheet HTML 2Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6236 Datasheet HTML 3Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6236 Datasheet HTML 4Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6236 Datasheet HTML 5Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6236 Datasheet HTML 6Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6236 Datasheet HTML 7Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6236 Datasheet HTML 8Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6236 Datasheet HTML 9Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
SW6236
AACC 四口多协议移动电源 SO
C
Copyright © 2024, ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD.
Jan 8, 2024 – V0.1.0
第
- 5 - 页 共 23 页
Parameters
Symbol
Test Conditions
MIN
TYP
MAX UNIT
供电电源
VBUSC1/VBUSC2
输入电源
VBUSC1/C2
4.15
13.5
V
VBUSC1/VBUSC2
输入欠压门限
VBUSC1/C2_UVLO
VBUSC1/VBUSC2
输入电压下降
4.15
V
VBUSC1/VBUSC2
输入欠压门限迟滞
VBUSC1/C2_UVLO_HYS
VBUSC1/VBUSC2
输入电压上升
250
mV
VBUSC1/VBUSC2
输入过压门限
VBUSC1/C2_OVP
VBUSC1/VBUSC2
输入电压上升
13.6
V
VBUSC1/VBUSC2
输入过压门限迟滞
VBUSC1/C2_OVP_HYS
VBUSC1/VBUSC2
输入电压下降
800
mV
VCC 输出电压
VCC
开机
5
V
关机
VBAT
V
VCC 输出电流
IVCC
开机
50
mA
关机
50
mA
功率管内阻
NMOS 上管
RDSON_H
20
mΩ
NMOS 下管
RDSON_L
11
mΩ
NMOS 上管峰值限流
IPEAK_H
充电模式
8
A
NMOS 下管峰值限流
IPEAK_L
放电模式
10
A
充电模式
涓流截止电压
VTC
三元锂电池
3
V
磷酸铁锂电池
2.8
涓流充电电流
IBAT_TC
三元锂电池
300
mA
磷酸铁锂电池
mA
恒流充电电流
ICC
VBUSC=5V
3
A
VBUSC=9V
2
VBUSC=12V
1.5
截止充电电流
IBAT_END
VBUSC1/VBUSC2 = 5V
230
mA
VBUSC1/VBUSC2 = 9V
130
VBUSC1/VBUSC2 = 12V
100
充电目标电压
VBAT_FULL
三元锂电池
4.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com