Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW6236 Datasheet(PDF) 20 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

Part # SW6236
Description  AACC 4-Port Multi-Protocol Power Bank SoC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISMARTWARE [ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD]
Direct Link  https://www.ismartware.com/
Logo ISMARTWARE - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

SW6236 Datasheet(HTML) 20 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

Back Button SW6236 Datasheet HTML 15Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6236 Datasheet HTML 16Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6236 Datasheet HTML 17Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6236 Datasheet HTML 18Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6236 Datasheet HTML 19Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6236 Datasheet HTML 20Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6236 Datasheet HTML 21Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6236 Datasheet HTML 22Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6236 Datasheet HTML 23Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
SW6236
AACC 四口多协议移动电源 SO
C
Copyright © 2024, ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD.
Jan 8, 2024 – V0.1.0
第
- 20 - 页 共 23 页
9. 应用参考
9.1. SW6236_A+A+Cinout+Cinout 典型应用
QFN52_6X6_EPAD
VOUT
32
VOUTSN
31
VOUTSP
30
LED1/SCK/WLSS
29
LD2/SDA/BLUTH
28
LED3/IRQ/SPSEG
27
VOUT
33
VOUT
34
VOUT
35
VOUT
36
GATEC2
37
GATEC1
38
GATEA1
39
BST
8
SW
7
SW
5
SW
4
SW
3
DMA2/SDA
2
DPA2/SCK
1
VBUSC2
9
VOUTC2
10
VBUSC1
11
VOUTC1
12
VBUSA2
13
SW
6
U2
SW6236V
D2
5
G1
6
G2
4
S1
1
S2
3
D1
2
SOT23-6
Q2
8205B
TD
4
VCC
5
GND
6
OC
3
CS
2
OD
1
SOT23-6
U1
DW01
B+
R0603
R2
100R
C0603
C2
0.1uF/16V
B-
D2
5
G1
6
G2
4
S1
1
S2
3
D1
2
SOT23-6
Q3
8205B
D2
5
G1
6
G2
4
S1
1
S2
3
D1
2
SOT23-6
Q4
8205B
R0603
R1
1K
D2
5
G1
6
G2
4
S1
1
S2
3
D1
2
SOT23-6
Q5
8205B
GND
B+
BAT
GND
C0805
C11
22uF/10V
C0603
C16
0.1uF/16V
INDUCTOR_SPM1010
L1
2.2uH
C0805
C10
22uF/10V
R0603
R3
NC/2.2R
C0603
C8
NC/3.3nF
GND
LED5/I2CADD
GND
GND
GND
无线充模式
小电流模式
无线充数码管模式
option
LED4/I2C
R0603
R9
9.1K
C0805
C20
22uF/10V
SW_SMD
S1
KEY
R0603
R10
NC
R0603
R11
2K
D6
FLED
C0603
C19
1nF/16V
R0603
R12
100K
R0603
R13
100K
R0603
R14
100K
D4
LED
D3
LED
D2
LED
D1
LED
D5
LED
R8
10K±1%(B=3435K)
GND
GND
R7
13.7K
R6
NC
R5
NC
GND
C0603
C5
330pF/16V
C0603
C4
330pF/16V
C0603
C6
330pF/16V
C0603
C7
330pF/16V
GND
DMA1
VBUSA1
GND
SOT23-6
D2
5
G1
6
G2
4
S1
1
S2
3
D1
2
Q1
8205
SOT23-6
D2
5
G1
6
G2
4
S1
1
S2
3
D1
2
Q6
8205
SOT23-6
D2
5
G1
6
G2
4
S1
1
S2
3
D1
2
Q8
8205
GATEA2
GATEA1
GATEC2
GATEA1
GATEA2
GATEC2
GND
DMA2
VBUSA2
DPA2
GND
VOUTA1
VOUTA2
VOUTC2
VBUSC2
CC22
DMC2
DPC2
DMC2
GND
DPC2
CC12
VBUSC2
GND
C0805
C12
22uF/25V
C0805
C13
22uF/25V
C0805
C14
22uF/25V
C0603
C17
0.1uF/16V
C0805
C15
22uF/25V
B12/A1
B12/A1
B9/A4
B9/A4
B8
B8
A5
A5
B7
B7
A6
A6
A7
A7
B6
B6
A8
A8
B5
B5
B4/A9
B4/A9
B1/A12
B1/A12
SHIELD1
1
SHIELD2
2
SHIELD3
3
SHIELD4
4
CONN2
USB_TYPE_C
C0805
C18
10uF/25V
C0805
C1
10uF/25V
C0805
C3
10uF/25V
LED1/WLSS
LED2/BLUTH
LED3/SPSEG
J3
YF2252SB-5
SOT23-6
D2
5
G1
6
G2
4
S1
1
S2
3
D1
2
Q7
8205
VBUSC1
CC21
DMC1
DPC1
DMC1
GND
DPC1
CC11
VBUSC1
GND
B12/A1
B12/A1
B9/A4
B9/A4
B8
B8
A5
A5
B7
B7
A6
A6
A7
A7
B6
B6
A8
A8
B5
B5
B4/A9
B4/A9
B1/A12
B1/A12
SHIELD1
1
SHIELD2
2
SHIELD3
3
SHIELD4
4
CONN1
USB_TYPE_C
C0805
C9
10uF/25V
GND
GND
option
DPA2
DMA2
SW
BST
VBUSC2
VOUTC2
VBUSC1
VOUTC1
VBUSA2
LED2/BLUTH
LED3/SPSEG
LED4/I2C
LED1/WLSS
VBUS
1
DM
2
ID
3
DP
4
GND
5
SHIELD1
6
SHIELD2
7
SHIELD3
8
SHIELD4
9
J1
USB_TYPE_A_ID
VBUS
1
DM
2
ID
3
DP
4
GND
5
SHIELD1
6
SHIELD2
7
SHIELD3
8
SHIELD4
9
J2
USB_TYPE_A_ID
DPA1
IDA1
IDA2
上拉电阻
NC/20K
FLED/BSET为电池类型设置
电池类型
4.20V
4.35V
4.4V
4.5V
3.65V
下拉电阻
TMOD为恒温环门限设置
110°C
恒温环门限
13K
9.1K
5.6K
3.0K
NC
33K
15K
9.1K
5.1K
24K
0R
60°C
70°C
80°C
90°C
100°C
50℃
下拉电阻
5.1K
CSET为电池容量设置
电池容量
2000mAh
5.6K
8.66K
15K
27.4K
Cset=Rcset*4/5 - 2000
5000mAh
10000mAh
2500mAh
20000mAh
上拉电阻
20K
KEY/KMOD/A2I2C为按键功能设置
按键功能
单击:开有设备的口,否则打开A1口
13K
9.1K
5.6K
3.0K
单击:开A1和A2口及有设备的口
单击:开A1口及有设备的口
LED3/SPSEG
LED2/BLUTH
LED1/WLSS
单击:打开有设备的口,否则显示电量5s
使能I2C模式并映射到A2口信号引脚,
由MCU配置按键功能
VOUTC1
GATEC1
GATEC1
GATEC2
GATEC1
GATEA1
GND
LED4/I2C
LED5/I2CADD
GND
修改I2C地址为0x38
R0603
R15
100K
LED5/I2CADD
LED3/SPSEG
LED2/BLUTH
LED1/WLSS
R4
5mΩ 1206(合金电阻)
NMOD为NTC保护门限设置
NTC过温充电保护范围:0℃ - 45℃
NTC过温放电保护范围:-10℃ - 60℃
无62368充电
无62368放电
33K
24K
15K
9.1K
5.1K
0R
NC
NTC过温充电保护范围:0℃ - 55℃
NTC过温放电保护范围:-20℃ - 60℃
62368充电:
0℃ - 15℃:2/8* ICHG
15℃ - 45℃: ICHG
45℃ - 55℃:2/8* ICHG,VCHG降低0.25V
62368放电:
-20℃ - 0℃:1/4* IDISCHG
0℃ - 60℃: IDISCHG
NTC过温充电保护范围:0℃ - 55℃
NTC过温放电保护范围:-20℃ - 60℃
62368充电:
0℃ - 15℃:2/8 * ICHG
15℃ - 45℃: ICHG
45℃ - 55℃:2/8* ICHG
无62368放电
NTC过温充电保护范围:10℃ - 45℃
NTC过温放电保护范围:-10℃ - 60℃
62368充电:
10℃ - 20℃:2/8 * ICHG
20℃ - 45℃: ICHG
无62368放电
NTC过温充电保护范围:0℃ - 60℃
NTC过温放电保护范围:-20℃ - 60℃
无62368充电
无62368放电
NTC过温充电保护范围:0℃ - 45℃
NTC过温放电保护范围:-20℃ - 60℃
无62368充电
无62368放电
NTC过温充电保护范围:0℃ - 45℃
NTC过温放电保护范围:-20℃ - 60℃
62368充电:
0℃ - 15℃:1/8* ICHG
15℃ - 45℃:ICHG
无62368放电



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com