Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW6236 Datasheet(PDF) 6 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

Part # SW6236
Description  AACC 4-Port Multi-Protocol Power Bank SoC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISMARTWARE [ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD]
Direct Link  https://www.ismartware.com/
Logo ISMARTWARE - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

SW6236 Datasheet(HTML) 6 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

Back Button SW6236 Datasheet HTML 2Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6236 Datasheet HTML 3Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6236 Datasheet HTML 4Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6236 Datasheet HTML 5Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6236 Datasheet HTML 6Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6236 Datasheet HTML 7Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6236 Datasheet HTML 8Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6236 Datasheet HTML 9Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6236 Datasheet HTML 10Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
SW6236
AACC 四口多协议移动电源 SO
C
Copyright © 2024, ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD.
Jan 8, 2024 – V0.1.0
第
- 6 - 页 共 23 页
4.3
4.35
4.4
4.5
磷酸铁锂电池
3.6
3.65
复充电电压
VBAT_RECH
充电目标电
压
-0.15V
V
开关频率
FCHG
400
kHz
涓流充电超时
tTC_OT
40
Min
恒流恒压充电超时
tCC_OT
33.32
Hour
恒温温度值
TREGU_CHG
RTMOD=5.1K
100
℃
限压环门限
VHOLD
VBUSC1/VBUSC2 = 5V
4.5
V
VBUSC1/VBUSC2 = 9V
8.49
VBUSC1/VBUSC2 = 12V
11.429
升压模式
VBAT 输入电压
VBAT
2.7
4.5
V
VBAT 输入欠压门限
VBAT_UVLO
磷酸铁锂电池
2.7
V
三元锂电池
2.9
VBAT 输入欠压门限迟
滞
VBAT_UVLO_HYS
VBAT 输入电压上升
0.5
V
VBUS 输出电压
VBUS
VOUT=5V, IOUT =0A
5.15
V
VOUT=9V, IOUT =0A
9.15
VOUT=12V, IOUT =0A
12.15
满载输出电流
IBUS
VOUT=4.5V
5
A
VOUT=5V
3.1
VOUT=9V
2.22
VOUT=12V
1.67
轻载电流检测门限值
ILIGHT_LOAD
RDS_PATH=10mΩ,VOUT=5V
55
mA
RDS_PATH=10mΩ
VOUT =9/12V
30
mA
轻载检测关机时间
tLIGHT_LOAD
单口输出
32
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com