Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW6236 Datasheet(PDF) 4 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

Part # SW6236
Description  AACC 4-Port Multi-Protocol Power Bank SoC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISMARTWARE [ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD]
Direct Link  https://www.ismartware.com/
Logo ISMARTWARE - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

SW6236 Datasheet(HTML) 4 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

  SW6236 Datasheet HTML 1Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6236 Datasheet HTML 2Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6236 Datasheet HTML 3Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6236 Datasheet HTML 4Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6236 Datasheet HTML 5Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6236 Datasheet HTML 6Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6236 Datasheet HTML 7Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6236 Datasheet HTML 8Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6236 Datasheet HTML 9Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
SW6236
AACC 四口多协议移动电源 SO
C
Copyright © 2024, ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD.
Jan 8, 2024 – V0.1.0
第
- 4 - 页 共 23 页
51
DPA1
Type-A1 口的 DP 信号
52
DMA1
Type-A1 口的 DM 信号
/
EPAD
接地, 散热 PAD
5. 极限参数
Parameters
Symbol
MIN
MAX
UNIT
输入电压
VBUSC1/VBUSC2
-0.3
16
V
输出电压
VOUTA1/VOUTA2/VOUTC1/
VOUTC2/VBUSA1/VBUSA2/
VBUSC1/VBUSC2/VOUT/
VOUTSP/ VOUTSN
-0.3
16
V
SW 管脚电压
SW
-0.3
16
V
BST 管脚电压
BST-SW
-0.3
6
V
通路控制电压
GATEA1/GATEA2/GATEC1/
GATEC2
-0.3
21
V
CC 信号管脚电压
CC11/CC21/CC12/CC22
-0.3
16
V
端口信号管脚电压
(DPA2/SCK)/(DMA2/SDA)/
DPA1/DMA1/DPC1/
DMC1/DPC2/DMC2
-0.3
7
V
其它管脚电压
-0.3
6
V
结温
-40
+150
°C
存储温度
-60
+150
°C
ESD(HBM)
-4
+4
kV
【备注】超过此范围的电压电流及温度等条件可能导致器件永久损坏。
6. 推荐参数
Parameters
Symbol
MIN
Typical
MAX
UNIT
输入电压
VBUSC1/VBUSC2
4.15
13.5
V
电池电压
BAT
2.7
4.5
V
7. 电气特性
(
TA = 25°C,除特别说明。)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com