Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW6236 Datasheet(PDF) 7 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

Part # SW6236
Description  AACC 4-Port Multi-Protocol Power Bank SoC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISMARTWARE [ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD]
Direct Link  https://www.ismartware.com/
Logo ISMARTWARE - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

SW6236 Datasheet(HTML) 7 Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD

Back Button SW6236 Datasheet HTML 3Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6236 Datasheet HTML 4Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6236 Datasheet HTML 5Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6236 Datasheet HTML 6Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6236 Datasheet HTML 7Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6236 Datasheet HTML 8Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6236 Datasheet HTML 9Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6236 Datasheet HTML 10Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD SW6236 Datasheet HTML 11Page - ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
SW6236
AACC 四口多协议移动电源 SO
C
Copyright © 2024, ZHUHAI ISMARTWARE TECHNOLOGY CO., LTD.
Jan 8, 2024 – V0.1.0
第
- 7 - 页 共 23 页
多口输出或边充边放
16
S
静态电流
IQ
VBAT=3.7V
40
uA
线损补偿
VOUT_WDC
0A<IOUT<1A
0
mV
1A<IOUT<2A
50
IOUT>2A
100
开关频率
FDCHG
400
kHz
热控制环路门限值
TREGU_DCHG
RTMOD=5.1K
100
℃
Type-C 接口
CC 管脚输出电流
ICC_SOURCE
Power Level=3.0A
330
uA
CC 管脚端接电阻
RD
5.1
kΩ
BC1.2
DP/DM 电压
DP
Apple 2.4A Mode
2.7
V
DM
Apple 2.4A Mode
2.7
V
PE
电流门限
IREF
250
mA
退出时间
tPLUG_OUT
200
mS
LED 电量指示
数码管驱动电流
ISEG
10
mA
电量指示
LED 驱动电
流
ILED
4
mA
LED 闪烁频率
fLED
1
Hz
KEY
短按键
TSHORT
32
500
mS
长按键
TLONG
500
mS
双击
TDOUBLE
发生两次短按键的最长时
间
800
mS
I2C
速率
fCLK
100
400
Kbit/S
热关机保护
过热关机门限
TSHDT
温度上升
150
℃
过热关机迟滞
TSHDT_HYS
温度下降
80
℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com