Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHF1401 Datasheet(PDF) 9 Page - STMicroelectronics

Part # RHF1401
Description  Rad-hard 14-bit 20Msps 85mW A/D converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF1401 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button RHF1401 Datasheet HTML 5Page - STMicroelectronics RHF1401 Datasheet HTML 6Page - STMicroelectronics RHF1401 Datasheet HTML 7Page - STMicroelectronics RHF1401 Datasheet HTML 8Page - STMicroelectronics RHF1401 Datasheet HTML 9Page - STMicroelectronics RHF1401 Datasheet HTML 10Page - STMicroelectronics RHF1401 Datasheet HTML 11Page - STMicroelectronics RHF1401 Datasheet HTML 12Page - STMicroelectronics RHF1401 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
RHF1401
Electrical characteristics (unchanged after 300kRad)
9/29
5
Electrical characteristics (unchanged after 300kRad)
Test conditions are the following (unless otherwise specified):
●
AVCC = DVCC = VCCB = 2.5 V
●
Fs= 20 Msps
●
Fin= 2 MHz
●
Vin@ -1 dBSF
●
VREFM = 0 V
●
Tamb= 25° C
Table 5.
Analog inputs
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
VIN-VINB Full scale reference voltage VREFP= 1 V
2
Vpp
Cin
Input capacitance
8
pF
Zin
Input impedance
Fs= 20 Msps
3.3
kOhms
ERB
Effective resolution
bandwidth(1)
1.
See Section 8: Definitions of specified parameters on page 24 for more information.
70
MHz
Table 6.
Internal references
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
Rout
Output resistance of
internal ref
REFMODE=’0’
internal reference on
30
Ohm
REFMODE=’1’
internal reference off
7.5
kOhm
VREFP
Top internal reference
voltage
REFMODE=’0’
0.84
V
VREFM Bottom internal ref. voltage REFMODE=’0’
0
V
VINCM
Input common mode
voltage
REFMODE=’0’
0.44
V
Table 7.
External references
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
VREFP
Forced top reference
voltage
REFMODE=’1’
0.8
1.4
V
VREFM Forced bottom ref. voltage
REFMODE=’1’
0
0.2
V
VINCM
Forced common mode
voltage
REFMODE=’1’
0.4
1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com