Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHF1401 Datasheet(PDF) 22 Page - STMicroelectronics

Part # RHF1401
Description  Rad-hard 14-bit 20Msps 85mW A/D converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF1401 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button RHF1401 Datasheet HTML 18Page - STMicroelectronics RHF1401 Datasheet HTML 19Page - STMicroelectronics RHF1401 Datasheet HTML 20Page - STMicroelectronics RHF1401 Datasheet HTML 21Page - STMicroelectronics RHF1401 Datasheet HTML 22Page - STMicroelectronics RHF1401 Datasheet HTML 23Page - STMicroelectronics RHF1401 Datasheet HTML 24Page - STMicroelectronics RHF1401 Datasheet HTML 25Page - STMicroelectronics RHF1401 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
Application information
RHF1401
22/29
Data ready (DR)
The data ready output signal is an image of the clock being synchronized on the output data
(D0 to D13). This is a very helpful signal that simplifies the synchronization of the
measurement equipment or the controlling DSP.
As all other digital outputs, DR goes into high impedance state when OEB reaches high
level as described in Figure 3: Timing diagram on page 7.
Caution:
Because the driving force of data outputs and the DR signal is relatively low, it is
recommended to limit the equivalent load on these signals to 10-15pF maximum. This is to
avoid a weak signal when the RHF1401 is clocked at full speed (20Msps). The DR signal is
potentially the most affected because it has the highest frequency (20MHz maximum).
If the equivalent load on the data outputs is slightly higher than 15pF, you can avoid
resorting to external re-buffering of the data bus and DR signal by connecting the data bus
to the acquisition device directly without using the DR. In this case, you can obtain a good
validation signal from a derivation of the clock because the clock falling edge is used by the
RHF1401 internally to generate data output transitions. A series resistor of approximately
100-200 Ohms should be placed at the derivation to avoid the effect of current spikes on the
critical CLK node. This configuration is illustrated in Figure 25.
Figure 25.
CLK signal derivation
CLK
50
Ω
100-200
Ω
D0-D13
DR
ASIC or FPGA
above 15pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com