Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHF1401 Datasheet(PDF) 17 Page - STMicroelectronics

Part # RHF1401
Description  Rad-hard 14-bit 20Msps 85mW A/D converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF1401 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button RHF1401 Datasheet HTML 13Page - STMicroelectronics RHF1401 Datasheet HTML 14Page - STMicroelectronics RHF1401 Datasheet HTML 15Page - STMicroelectronics RHF1401 Datasheet HTML 16Page - STMicroelectronics RHF1401 Datasheet HTML 17Page - STMicroelectronics RHF1401 Datasheet HTML 18Page - STMicroelectronics RHF1401 Datasheet HTML 19Page - STMicroelectronics RHF1401 Datasheet HTML 20Page - STMicroelectronics RHF1401 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
RHF1401
Application information
17/29
The magnitude of the analog input common mode, CM should stay close to VREFP/2. Higher
levels will introduce more distortion.
7.1.2
Driving the analog inputs
The RHF1401 is designed to be differentially driven for better noise immunity.
Measurements done with single-ended signals show reduced levels of performance.
The switch-capacitor input structure of RHF1401 has a high input impedance (3.3 k
Ω at
FS = 20MHz) but it is not constant in time (see the equivalent input circuit in Figure 20)
because, at the end of each conversion, the charge update of the sampling capacitor draws
or injects a small transient current on the input signal.
One method of masking this transient current is a low-pass RC filter as shown in Figure 21
and Figure 22. A capacitor with a higher value than the sampling capacitor of 2.4 pF,
mounted in parallel with the two analog input signals, will absorb the transient glitches.
Figure 20.
ADC input equivalent circuit
Figure 18.
Linearity vs. Fs
(1)
Figure 19.
Distortion vs. Fs
(1)
1.
At Fin = 5 MHz, using external REFP = 1.25 V, Icca optimized, VINCM = 0.65 V
65
68
71
74
77
80
3
5
7
9
11
13
15
17
19
21
Fs (Mhz)
11.1
11.2
11.3
11.4
11.5
11.6
11.7
11.8
11.9
12
12.1
ENOB
SINAD
SNR
-100
-95
-90
-85
-80
-75
-70
3579
11
13
15
17
19
21
Fs (Mhz)
THD
SFDR
Cs=2.4pF
VIN
VIN
AVcc
AGND
Switch at Fs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com