Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHF1401 Datasheet(PDF) 12 Page - STMicroelectronics

Part # RHF1401
Description  Rad-hard 14-bit 20Msps 85mW A/D converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF1401 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button RHF1401 Datasheet HTML 8Page - STMicroelectronics RHF1401 Datasheet HTML 9Page - STMicroelectronics RHF1401 Datasheet HTML 10Page - STMicroelectronics RHF1401 Datasheet HTML 11Page - STMicroelectronics RHF1401 Datasheet HTML 12Page - STMicroelectronics RHF1401 Datasheet HTML 13Page - STMicroelectronics RHF1401 Datasheet HTML 14Page - STMicroelectronics RHF1401 Datasheet HTML 15Page - STMicroelectronics RHF1401 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
Typical performance characteristics
RHF1401
12/29
6
Typical performance characteristics
Because of its intrinsic high-speed low-power capabilities, most of the characterization
measurements for the RHF1401 were done in the analog frequency range from 1MHz to
100MHz.
An evaluation board designed to operate in this range, and including a transformer to
generate on-board differential signals to input to the RHF1401 was used in characterization
testing. This configuration is illustrated in Figure 21 on page 18.
For best performance, the RHF1401 also requires a high enough sampling frequency or, in
other terms, that the clock period is not too long, to avoid current leakage which would
impact conversion accuracy. The recommended lowest sampling frequency is 1.5Msps.
Note that under 1.2Msps, the RHF1401 performance is degraded. For more information on
sampling frequency, see Section 7.2: Clock signal requirements, and Section 7.3: Power
consumption optimization.
Figure 4.
Linearity vs. Fin, internal references,
Fs =20 MHz, Icca = 40 mA
Figure 5.
Linearity vs. Fin, external references
(REFP = 1 V), Fs = 20 MHz, Icca= 28 mA
65
68
71
74
77
80
0
5
10
15
20
25
30
Fin (Mhz)
11
11.1
11.2
11.3
11.4
11.5
11.6
11.7
11.8
11.9
12
SINAD
SNR
ENOB
65
68
71
74
77
80
515
25
Fin (Mhz)
11
11.2
11.4
11.6
11.8
12
ENO
SINA
SNR
Figure 6.
Distortion vs. Fin, internal refs,
Fs = 20 MHz, Icca = 40 mA
Figure 7.
Distortion vs. Fin, external ref,
(REFP = 1 V) Fs = 20 MHz; Icca = 28 mA
-100
-95
-90
-85
-80
-75
-70
0
5
10
15
20
25
30
Fin (Mhz)
THD
SFDR
-100
-95
-90
-85
-80
-75
-70
5
10
1520
2530
Fin (Mhz)
THD
SFDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com