Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHF1401 Datasheet(PDF) 20 Page - STMicroelectronics

Part # RHF1401
Description  Rad-hard 14-bit 20Msps 85mW A/D converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF1401 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button RHF1401 Datasheet HTML 16Page - STMicroelectronics RHF1401 Datasheet HTML 17Page - STMicroelectronics RHF1401 Datasheet HTML 18Page - STMicroelectronics RHF1401 Datasheet HTML 19Page - STMicroelectronics RHF1401 Datasheet HTML 20Page - STMicroelectronics RHF1401 Datasheet HTML 21Page - STMicroelectronics RHF1401 Datasheet HTML 22Page - STMicroelectronics RHF1401 Datasheet HTML 23Page - STMicroelectronics RHF1401 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
Application information
RHF1401
20/29
Figure 23.
Analog current consumption vs. Fs according to value of Rpol polarization
resistances: internal references (for Fin < 10MHz)
Input signal above 10MHz
However, with a higher frequency input signal (for example, in the 10-70MHz range), a high
Rpol value does not supply enough current to the internal amplifiers, thus resulting in
degraded SNR and THD performance. With an input signal in this range, the recommended
value for Rpol is in the 30-50 kΩ range.
7.4
Low sampling rate recommendations
The RHF1401 offers a wide range of sampling rates from 1.5Msps to 20Msps with the
minimum power consumption. However, under the minimum, the performance of the device
deteriorates. Figure 24 shows the degradation in performance at sampling frequencies
under 1.2Msps. The recommended minimum sampling frequency is 1.5Msps.
20
25
30
35
40
45
5
7
9
1113
1517
1921
Fs (Mhz)
0
20
40
60
80
100
120
140
Ipol_intref
Ipol_extref
Rpol
REFMODE= 0
REFMODE= 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com