Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHF1401 Datasheet(PDF) 11 Page - STMicroelectronics

Part # RHF1401
Description  Rad-hard 14-bit 20Msps 85mW A/D converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF1401 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button RHF1401 Datasheet HTML 7Page - STMicroelectronics RHF1401 Datasheet HTML 8Page - STMicroelectronics RHF1401 Datasheet HTML 9Page - STMicroelectronics RHF1401 Datasheet HTML 10Page - STMicroelectronics RHF1401 Datasheet HTML 11Page - STMicroelectronics RHF1401 Datasheet HTML 12Page - STMicroelectronics RHF1401 Datasheet HTML 13Page - STMicroelectronics RHF1401 Datasheet HTML 14Page - STMicroelectronics RHF1401 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
RHF1401
Electrical characteristics (unchanged after 300kRad)
11/29
Higher values of SNR, SINAD and ENOB can be obtained by increasing the analog input full
scale range. This is illustrated in Figure 11 on page 13, Figure 18, and Figure 19 on page 17
with VREFP= 1.25V, and also in Figure 15 and Figure 16 on page 16 with VREFP up to 1.4V.
Table 10.
Dynamic characteristics
Symbol
Parameter(1)
1.
See Section 8: Definitions of specified parameters on page 24 for more information.
Test conditions
Min
Typ
Max
Unit
SFDR
Spurious free dynamic
range
Fin = 10 MHz,
internal reference
-91
dBFS
Fin = 10 MHz,
VREFP =1 V
-89
SNR
Signal to noise ratio
Fin = 10 MHz,
internal reference
70
dB
Fin= 10 MHz,
VREFP = 1 V
71.5
THD
Total harmonic distortion
Fin= 10 MHz,
internal reference
-86
dBc
Fin= 10 MHz,
VREFP = 1 V
-85
SINAD
Signal to noise and
distortion ratio
Fin= 10 MHz,
internal reference
70
dB
Fin= 10 MHz,
VREFP = 1 V
71
ENOB
Effective number of bits
Fin= 10 MHz,
internal reference
11.5
bits
Fin= 10 MHz,
VREFP = 1 V
11.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com