Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHF1401 Datasheet(PDF) 14 Page - STMicroelectronics

Part # RHF1401
Description  Rad-hard 14-bit 20Msps 85mW A/D converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF1401 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button RHF1401 Datasheet HTML 10Page - STMicroelectronics RHF1401 Datasheet HTML 11Page - STMicroelectronics RHF1401 Datasheet HTML 12Page - STMicroelectronics RHF1401 Datasheet HTML 13Page - STMicroelectronics RHF1401 Datasheet HTML 14Page - STMicroelectronics RHF1401 Datasheet HTML 15Page - STMicroelectronics RHF1401 Datasheet HTML 16Page - STMicroelectronics RHF1401 Datasheet HTML 17Page - STMicroelectronics RHF1401 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
Typical performance characteristics
RHF1401
14/29
Figure 12.
SFDR vs. input amplitude
1.
(Full scale = 2 x 0.86 V), Fs = 20 Msps, Fin =5 MHz, Icca = 40 mA
Figure 13.
Static parameter: differential non linearity
1.
Fs = 1.5 Msps acquisition over 128 DC linear ramping input signals
Figure 14.
Static parameter: integral non linearity
1.
Fs = 1.5 Msps acquisition over 128 DC linear ramping input signals
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-30
-25
-20
-15
-10
-5
0
SFSR(dB)
SFDR(dBc)
SFDR(dBFS)
0
3276.6
6553.2
9829.8
1.31 10
4
1.64 10
4
0.6
0.5
0.4
0.3
0.2
0.1
0
0.1
0.2
0.3
0.4
p
0
3276.6
6553.2
9829.8
1.31 10
4
1.64 10
4
3
2.4
1.8
1.2
0.6
0
0.6
1.2
1.8
2.4
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com