Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHF1401 Datasheet(PDF) 19 Page - STMicroelectronics

Part # RHF1401
Description  Rad-hard 14-bit 20Msps 85mW A/D converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF1401 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button RHF1401 Datasheet HTML 15Page - STMicroelectronics RHF1401 Datasheet HTML 16Page - STMicroelectronics RHF1401 Datasheet HTML 17Page - STMicroelectronics RHF1401 Datasheet HTML 18Page - STMicroelectronics RHF1401 Datasheet HTML 19Page - STMicroelectronics RHF1401 Datasheet HTML 20Page - STMicroelectronics RHF1401 Datasheet HTML 21Page - STMicroelectronics RHF1401 Datasheet HTML 22Page - STMicroelectronics RHF1401 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
RHF1401
Application information
19/29
7.2
Clock signal requirements
The signal applied to the CLK pin is critical to obtain full performance from the RHF1401. It
is recommended to use a 0V to 2.5V square signal with fast transition times, and to place
proper termination resistors as close as possible to the device.
It is the rising edge of the clock signal that determines the sampling instant. The jitter
associated with this instant must be as low as possible to avoid SNR degradation on fast
moving input signals. To achieve less than 0.5 LSB error, the total jitter Tj must satisfy the
following condition for a full scale input signal:
For example, the total jitter with 14-bit resolution for a 10 MHz full scale input should be no
more than 1 picosecond (rms).
In most cases, it is the clock signal jitter that is the major contributor to the total jitter.
Therefore, you must pay particular attention to the clock signal in the case of acquisition of
fast signals with a low frequency clock. For further considerations on low sampling
conditions, refer to Section 7.4 on page 20.
The clock signal must be active when you power up the device. Clock gating (stopping the
clock) is not recommended due to possible undertermined states inside the circuit when the
clock is off.
7.3
Power consumption optimization
The internal architecture of the RHF1401 makes it possible for you to optimize the analog
power consumption depending on the sampling frequency by adjusting the Rpol resistor.
This resistor is placed between the IPOL pin and the analog ground.
Input signal below 10MHz
Depending of the application sampling speed, the Rpol value should be set between 120 kΩ
(low sampling speed, low current) and 40 k
Ω (high sampling speed, high current). With a low
sampling speed, you should use a high value for Rpol (for example 100 kΩ) in order to
minimize the power consumption, often critical in space applications. This method is
efficient with an input signal in the range from DC up to 10MHz.
With a sampling frequency of 20 MHz, an Rpol value of 41 kΩ provides optimized power
consumption.
Figure 23 shows the optimized power consumption of the circuit versus the sampling
frequency in two different configurations:
●
REFMODE=0 internal references with IAVCC in the range 30-40 mA
●
REFMODE=1 external references with IAVCC in the range 20-30 mA
T
j
1
π F
in
2
n1
+
⋅⋅
---------------------------------------
<



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com