Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHF1401 Datasheet(PDF) 18 Page - STMicroelectronics

Part # RHF1401
Description  Rad-hard 14-bit 20Msps 85mW A/D converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF1401 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button RHF1401 Datasheet HTML 14Page - STMicroelectronics RHF1401 Datasheet HTML 15Page - STMicroelectronics RHF1401 Datasheet HTML 16Page - STMicroelectronics RHF1401 Datasheet HTML 17Page - STMicroelectronics RHF1401 Datasheet HTML 18Page - STMicroelectronics RHF1401 Datasheet HTML 19Page - STMicroelectronics RHF1401 Datasheet HTML 20Page - STMicroelectronics RHF1401 Datasheet HTML 21Page - STMicroelectronics RHF1401 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
Application information
RHF1401
18/29
Single-ended signal with transformer
Using an RF transformer is an efficient method of achieving high performance.
Figure 21 shows the schematic view. The input signal is fed to the primary of the
transformer, while the secondary drives both ADC inputs.
Figure 21.
Differential input configuration with transformer
The internal common mode voltage of the ADC (INCM) is connected to the center-tap of the
secondary of the transformer in order to bias the input signal around this common voltage,
internally set to 0.46 V. The INCM is decoupled to maintain a low noise level on this node.
Our evaluation board is mounted with a 1:1 ADT1-1WT transformer from Minicircuits. You
might also use a higher impedance ratio (1:2 or 1:4) to reduce the driving requirement on
the analog signal source.
AC coupled differential input:
Figure 22 represents the biasing of a differential input signal in AC-coupled differential input
configuration. Both inputs VIN and VINB are centered around the common mode voltage CM,
that can be forced through INCM or supplied externally (in this case, INCM may be left
internal).
Figure 22.
AC-coupled differential input
RHF1401
VIN
VINB
INCM
50
Ω
100pF
330pF
4.7µF
10nF
Analog source
1:1
ADT1-1
50
Ω
10nF
RHF1401
VIN
VINB
INCM
33pF
100k
Ω
100k
Ω
50
Ω
10nF
common
mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com