Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHF1401 Datasheet(PDF) 15 Page - STMicroelectronics

Part # RHF1401
Description  Rad-hard 14-bit 20Msps 85mW A/D converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF1401 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button RHF1401 Datasheet HTML 11Page - STMicroelectronics RHF1401 Datasheet HTML 12Page - STMicroelectronics RHF1401 Datasheet HTML 13Page - STMicroelectronics RHF1401 Datasheet HTML 14Page - STMicroelectronics RHF1401 Datasheet HTML 15Page - STMicroelectronics RHF1401 Datasheet HTML 16Page - STMicroelectronics RHF1401 Datasheet HTML 17Page - STMicroelectronics RHF1401 Datasheet HTML 18Page - STMicroelectronics RHF1401 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
RHF1401
Application information
15/29
7
Application information
The RHF1401 is a high speed analog-to-digital converter based on a pipeline architecture
and the ST 0.25µm CMOS process in order to achieve the best performance in terms of
linearity, power consumption and radiation hardness.
The pipeline structure consists of 14 internal conversion stages in which the analog signal is
fed and sequentially converted into digital data.
Each of the first 13 stages consists of an analog to digital converter, a digital to analog
converter, a sample and hold and an amplifier with a gain of 2. A 1.5-bit conversion
resolution is done at each stage. The last stage is a 2-bit flash ADC. Each resulting LSB-
MSB couple is then time-shifted to recover from the delay caused by conversion. Digital data
correction completes the processing by recovering from the redundancy of the (LSB-MSB)
couple for each stage. The corrected data is output through the digital buffers.
Signal input is sampled on the rising edge of the clock while digital outputs are synchronized
on the falling edge of the clock.
The advantages of this converter reside in the combination of a SEFI-free pipeline
architecture and advanced low-voltage CMOS technology. The highest dynamic
performance is achieved while consumption remains at the lowest level.
7.1
Analog input configuration
7.1.1
Setting the analog input range and references
To optimize the high resolution and speed of the RHF1401, we strongly advise you to drive
the analog input differentially. The half full-scale of RHF1401 is adjusted through the voltage
values of VREFP and VREFM:
The differential analog input signal always has a common mode voltage of:
To select the references according to the constraints of your particular application, a control
pin, REFMODE, allows you to switch from internal to external references.
Internal references, common mode:
When REFMODE is set to VIL level, the RHF1401 operates with its own reference voltage
generated by its internal bandgap. If the VREFM pin is connected externally to the analog
ground while VREFP is set to its internal voltage (0.86 V), the full scale of the ADC is
2 x 0.86 = 1.72V.
In this case, VREFP, VREFM and INCM are low impedance outputs. The INCM pin (voltage
generator 0.46 V) may be used to supply the common mode, CM, of the analog input signal.
V
IN
V
INB
–
Full Scale
2 V
REFP
V
REFM
–
()
==
V
CM
V
IN
V
INB
+
2
----------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com