Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHF1401 Datasheet(PDF) 16 Page - STMicroelectronics

Part # RHF1401
Description  Rad-hard 14-bit 20Msps 85mW A/D converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF1401 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button RHF1401 Datasheet HTML 12Page - STMicroelectronics RHF1401 Datasheet HTML 13Page - STMicroelectronics RHF1401 Datasheet HTML 14Page - STMicroelectronics RHF1401 Datasheet HTML 15Page - STMicroelectronics RHF1401 Datasheet HTML 16Page - STMicroelectronics RHF1401 Datasheet HTML 17Page - STMicroelectronics RHF1401 Datasheet HTML 18Page - STMicroelectronics RHF1401 Datasheet HTML 19Page - STMicroelectronics RHF1401 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
Application information
RHF1401
16/29
External references, common mode:
In applications that require a different full scale magnitude, it is possible to force the VREFP
and VREFM pins from an external voltage reference device. In this configuration, the
RHF1401 has better performance, as illustrated in Figure 15 and Figure 16.
Setting REFMODE to VIH level will put the internal references in standby mode, turning
VREFP, VREFM and INCM into high impedance inputs that have to be forced by external
references.
Using the RHF1401 with an external voltage reference device yields optimum performance
when configured as shown in Figure 17.
Figure 17.
External reference setting
Note:
In multi-channel applications, the high impedance input of the references allows you to drive
several ADCs with only one voltage reference device.
In the case of a 1.25V external reference, the full scale is increased to 2.5 Vpp differential.
The improved dynamic performance is shown in Figure 18 and Figure 19.
Figure 15.
Linearity vs. REFP(1)
Figure 16.
Distortion vs. REFP(1)
1.
Fin = 5 MHz; Fs = 20 Mhz; Icca = 26 mA; VINCM=0.45 V
65
68
71
74
77
80
0.8
0.9
1
1.1
1.2
1.3
1.4
REFP (V)
11
11.2
11.4
11.6
11.8
12
12.2
12.4
ENOB
SNR
SINAD
-100
-95
-90
-85
-80
-75
-70
0.8
0.9
1
1.1
1.2
1.3
1.4
REFP (V)
THD
SFDR
1k
Ω
RHF1401
VIN
VINB
VREFM
VREFP
external
reference
VCCA
330pF
4.7µF
10nF
REFMODE
“1”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com