Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F3SG-R Datasheet(PDF) 103 Page - Omron Electronics LLC

Part # F3SG-R
Description  Safety Light Curtain
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F3SG-R Datasheet(HTML) 103 Page - Omron Electronics LLC

Back Button F3SG-R Datasheet HTML 99Page - Omron Electronics LLC F3SG-R Datasheet HTML 100Page - Omron Electronics LLC F3SG-R Datasheet HTML 101Page - Omron Electronics LLC F3SG-R Datasheet HTML 102Page - Omron Electronics LLC F3SG-R Datasheet HTML 103Page - Omron Electronics LLC F3SG-R Datasheet HTML 104Page - Omron Electronics LLC F3SG-R Datasheet HTML 105Page - Omron Electronics LLC F3SG-R Datasheet HTML 106Page - Omron Electronics LLC F3SG-R Datasheet HTML 107Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 164 page
background image
F3SG-RA-01TS
103
Indicator
Emitter
Receiver
* The LED is illuminated when the EDM input is in ON state regardless of wiring with EDM used or unused.
Interface Unit
Lamp
Name of Indicator
Color
Illuminated
Blinking
TEST
Green
−
External Test is being performed
LONG
Green
Long range mode is selected
Lockout state due to DIP Switch setting error or
Operating range selection setting error
POWER
Green
Power is ON.
Error due to noise
LOCKOUT
Red
−
Lockout state due to error in emitter
Name of Indicator
Color
Illuminated
Blinking
TOP
Blue
The top beam is unblocked
Lockout state due to Cap error or Other sensor error
NPN
Green
NPN mode is selected by DIP Switch
−
CFG
Green
−
Lockout state due to Cascading Configuration error
EDM
Green
EDM input is in ON state *
Lockout state due to EDM error
INTERNAL
Red
−
Lockout state due to Internal error,
or error due to abnormal power supply or noise
LOCKOUT
Red
−
Lockout state due to error in receiver
STB
Green
Incident light level is 170% or higher of ON-threshold
Safety output is instantaneously turned OFF
due to ambient light or vibration
ON/OFF
Green
Safety output is in ON state
−
Red
Safety output is in OFF state
Lockout state due to Safety Output error,
or error due to abnormal power supply or noise
COM
Green
Synchronization between emitter and receiver is
maintained
Lockout state due to Communication error,
or error due to abnormal power supply or noise
BTM
Blue
The bottom beam is unblocked
Lockout state due to DIP Switch setting error
Main unit
PC/AT compatible machine (computer that runs Microsoft Windows)
Operating system (OS)
Windows 7 (32-bit/64-bit), Windows 8, 8.1 (32-bit/64-bit), Windows 10 (32-bit/64-bit)
Communication port
USB port
×1
Ambient temperature
Operating: -10 to 55
°C, Storage: -30 to 70°C(non-icing and non-condensing)
Ambient humidity
Operating: 35% to 85%, Storage: 35% to 95%(non-condensing)
Item
F39-LP
Applicable Sensor
F3SG-
@RA Series Safety Light Curtain (Receiver)
LED Light Color
Red/Orange/Green
Power Supply Voltage
24 VDC
±20%, ripple p-p 10% max.(shares sensor′s power supply)
Current Consumption
25 mA max. (shares sensor
′s power supply.)
Ambient Temperature
Operating: -10 to 55
°C, Storage: -25 to 70°C
Ambient Humidity
Operating: 35% to 85%, Storage: 35% to 95%
Vibration Resistance
10 to 55 Hz, Multiple amplitude of 0.7 mm,20 sweeps for all 3 axes
Shock Resistance
100 m/s2 , 1000 shocks for all 3 axes
Degree of Protection
IP65 and IP67(When attached to F3SG)
Type of Connection
Connectable to F3SG-RA
′s terminal connector
Material
Lighting element: PC, Other body parts: PBT
Weight
45 g (when packaged)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com