Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F3SG-R Datasheet(PDF) 104 Page - Omron Electronics LLC

Part # F3SG-R
Description  Safety Light Curtain
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F3SG-R Datasheet(HTML) 104 Page - Omron Electronics LLC

Back Button F3SG-R Datasheet HTML 100Page - Omron Electronics LLC F3SG-R Datasheet HTML 101Page - Omron Electronics LLC F3SG-R Datasheet HTML 102Page - Omron Electronics LLC F3SG-R Datasheet HTML 103Page - Omron Electronics LLC F3SG-R Datasheet HTML 104Page - Omron Electronics LLC F3SG-R Datasheet HTML 105Page - Omron Electronics LLC F3SG-R Datasheet HTML 106Page - Omron Electronics LLC F3SG-R Datasheet HTML 107Page - Omron Electronics LLC F3SG-R Datasheet HTML 108Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 164 page
background image
F3SG-RA-01TS
104
Connections (Basic Wiring Diagram)
Standalone F3SG-RA-01TS using PNP Outputs
EDM disabled, External Test unused and PNP Outputs
The following is the example of EDM disabled, PNP outputs and External Test unused.
DIP Switch settings *1
: Indicates a switch position.
Configure functions with the DIP Switches before wiring.
Wiring Example
Note: Functional earth connection is unnecessary when you use the F3SG-RA-01TS in a general industrial environment where noise control or
stable power supply is considered. However, when you use the F3SG-RA-01TS in an environment where there may be excessive noise
from surroundings or stable power supply may be interfered, it is recommended the F3SG-RA-01TS be connected to functional earth.
The wiring examples in later examples do not indicate functional earth. To use functional earth, wire an earth cable according to the example
above. Refer to Safety Light Curtain F3SG-4RA
@@@@-25-01TS Series User's Manual for more information.
Function
DIP-SW1
DIP-SW2
Receiver
EDM Disabled (factory default setting)
PNP (factory default setting)
Emitter
External Test: 24 V Inactive (factory default setting)
2ON
2ON
7ON
7ON
4ON
E1: 24VDC power supply (S8VS)
IN1IN2
E1
+DC24V
0V
Safety
Controller *4 *5
F39-JD
@A-L
F39-JD
@A-D
OSSD
Unblocked
Blocked
Functional Earth
*1.The functions are configurable with DIP Switch. Refer to Safety Light Curtain F3SG-4RA
@@@@-25-01TS Series User's Manual for more
information on setting the functions by the DIP Switch.
*2.When the external test function is used, connect to 24V via the test switch (N.C. contact).
*3.Also used for the lockout reset input. When using the lockout reset function, connect to 24V via lockout reset switch (N.C. contact).
*4.Refer to page 106 for more information.
*5.The safety controller and the F3SG-RA-01TS must share the power supply or be connected to the common terminal of the power supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com