Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F3SG-R Datasheet(PDF) 105 Page - Omron Electronics LLC

Part # F3SG-R
Description  Safety Light Curtain
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F3SG-R Datasheet(HTML) 105 Page - Omron Electronics LLC

Back Button F3SG-R Datasheet HTML 101Page - Omron Electronics LLC F3SG-R Datasheet HTML 102Page - Omron Electronics LLC F3SG-R Datasheet HTML 103Page - Omron Electronics LLC F3SG-R Datasheet HTML 104Page - Omron Electronics LLC F3SG-R Datasheet HTML 105Page - Omron Electronics LLC F3SG-R Datasheet HTML 106Page - Omron Electronics LLC F3SG-R Datasheet HTML 107Page - Omron Electronics LLC F3SG-R Datasheet HTML 108Page - Omron Electronics LLC F3SG-R Datasheet HTML 109Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 164 page
background image
F3SG-RA-01TS
105
Standalone F3SG-RA-01TS using NPN Outputs
EDM enabled, External Test 0V Inactive and NPN Outputs
The following is the example of External Device Monitoring enabled, NPN outputs and External Test in 0 V Inactive.
DIP Switch settings *1
: Indicates a switch position.
Configure functions with the DIP Switches before wiring.
Wiring Example
Note: For the functional earth connection, refer to page 104.
Function
DIP-SW1
DIP-SW2
Receiver
EDM Enabled
NPN
Emitter
External Test: 0 V Inactive
2ON
2ON
7ON
7ON
4ON
KM1 KM2
PLC
IN
E1
+DC24V
0V
S1
KM1
KM2
PLC input
Unblocked
Blocked
External Test Switch(S1)
OSSD
KM1, KM2 NO contact
PLC output
Lockout
State
S1: External test switch(connect to 0V if a switch is not required)
KM1, KM2: Safety relay with forcibly guided contacts (G7SA) or magnetic contactor
E1: 24VDC power supply (S8VS)
PLC: Programmable controller (Used for monitoring -- not related to safety system)
F39-JD
@A-L
F39-JD
@A-D
*1.The functions are configurable with DIP Switch. Refer to Safety Light Curtain F3SG-4RA
@@@@-25-01TS Series User's Manual for
more information on setting the functions by the DIP Switch.
*2.Also used for the lockout reset input. When using the lockout reset function connect to 0V via lockout reset switch (N.C. contact).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com