Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F3SG-R Datasheet(PDF) 151 Page - Omron Electronics LLC

Part # F3SG-R
Description  Safety Light Curtain
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F3SG-R Datasheet(HTML) 151 Page - Omron Electronics LLC

Back Button F3SG-R Datasheet HTML 147Page - Omron Electronics LLC F3SG-R Datasheet HTML 148Page - Omron Electronics LLC F3SG-R Datasheet HTML 149Page - Omron Electronics LLC F3SG-R Datasheet HTML 150Page - Omron Electronics LLC F3SG-R Datasheet HTML 151Page - Omron Electronics LLC F3SG-R Datasheet HTML 152Page - Omron Electronics LLC F3SG-R Datasheet HTML 153Page - Omron Electronics LLC F3SG-R Datasheet HTML 154Page - Omron Electronics LLC F3SG-R Datasheet HTML 155Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 164 page
background image
F3W-MA
151
Ratings/Specifications
*1. The net weight is the weight of an emitter and a receiver.
*2. The gross weight is the weight of an emitter, a receiver, included accessories and a package.
F3W-MA0100P
F3W-MA0300P
Perfor-
mance
Beam Gap between Muting Trigger
Beams
100 mm
300 mm
Number of Beams
820
Standard Detection Object
30 mm
Operating
Range
Long
0.3 to 20.0 m (1 to 65 ft.)
Short
0.3 to 7.0 m (1 to 23 ft.)
Response Time
Operation
13 ms max.
Reset
26 ms max. (Synchronized)
78 ms max. (Not synchronized)
Effective Aperture Angle
±2.5° max., emitter and receiver at operating range of 3 m or greater
Light Source
Infrared LEDs, Wavelength: 870 nm
Startup Waiting Time
2 s max.
Electrical
Power Supply Voltage (Vs)
SELV/PELV 24 VDC
±20% (ripple p-p 10% max.)
Current
Consumption
Emitter
35 mA
45 mA
Receiver
75 mA
75 mA
Muting Outputs
Two PNP transistor outputs. *
Load current of 300 mA max.,
Residual voltage of 2 V max. (except for voltage drop due to cable extension)j
* This product is a PNP output model. Use with the PNP output model safety light curtain.
Output Opera-
tion Mode
Muting Output A
Dark-ON
(Muting Output A is enabled when MuteA trigger beam is blocked.)
Muting Output B
Dark-ON
(Muting Output B is enabled when MuteB trigger beam is blocked.)
Input Voltage
ON Voltage
[MuteEnable]
Vs to Vs-3 V (sink current 5 mA max.) *
OFF Voltage
[Mute Enable]
0 to 1/2 Vs, or open *
* The Vs indicates a supply voltage value in your environment.
Indicators
Refer to page 152. LED Indicator Status
Protective Circuit
Protective Circuit Output short protection, Power supply reverse polarity protection
Insulation Resistance
20 M
Ω or higher (500 VDC megger)
Dielectric Strength
1,000 VAC, 50/60 Hz (1 min)
Functional Functions
- Scan Code Selection
- Operation Mode Selection (Point to Point Detection/ Chattering and Void Space
Prevention)
- Off-Delay
- Muting Enable
- Muting Trigger Beam Allocation
- Operating Range Selection
Environ-
mental
Ambient
Temperature
Operating
-10 to 55
°C (13 to 131°F) (non-icing)
Storage
-25 to 70
°C (-13 to 158°F)
Ambient
Humidity
Operating
35% to 85% (non-condensing)
Storage
35% to 95%
Ambient Illuminance
Incandescent lamp: 3,000 Ix max. on receiver surface
Sunlight: 10,000 Ix max. on receiver surface
Degree of Protection (IEC 60529)
IP65 and IP67
Vibration Resistance (IEC 61496-1)
10 to 55 Hz, Multiple amplitude of 0.7 mm, 20 sweeps for all 3 axes
Shock Resistance (IEC 61496-1)
100 m/s2, 1000 shocks for all 3 axes
Pollution Degree (IEC 60664-1)
Pollution Degree 3
Connec-
tions
Power Cable
Type of Connection M12 connectors: 5-pin emitter, 8-pin receiver, IP67 rated when mated, Cables prewired to sensors
Number of Wires
Emitter: 5, Receiver: 8
Cable Length
0.3 mm
Cable Diameter
6 mm
Minimum Bending
Radius
R5 mm
Extension of Power Cable
100 m max.
Note: For T-Shaped configuration with COM lines, the length of cable extension is 30m max.
Material
Housing: Aluminum alloy, Cap: PBT resin, Front window: Acrylic resin, Cable: Oil-resistant PVC resin,
FE plate: Stainless steel
Net Weight *1
0.7 kg
0.9 kg
Gross Weight *2
1.3 kg
2.2 kg
Included Accessories
Instruction Sheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com