Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F3SG-R Datasheet(PDF) 152 Page - Omron Electronics LLC

Part # F3SG-R
Description  Safety Light Curtain
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F3SG-R Datasheet(HTML) 152 Page - Omron Electronics LLC

Back Button F3SG-R Datasheet HTML 148Page - Omron Electronics LLC F3SG-R Datasheet HTML 149Page - Omron Electronics LLC F3SG-R Datasheet HTML 150Page - Omron Electronics LLC F3SG-R Datasheet HTML 151Page - Omron Electronics LLC F3SG-R Datasheet HTML 152Page - Omron Electronics LLC F3SG-R Datasheet HTML 153Page - Omron Electronics LLC F3SG-R Datasheet HTML 154Page - Omron Electronics LLC F3SG-R Datasheet HTML 155Page - Omron Electronics LLC F3SG-R Datasheet HTML 156Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 164 page
background image
F3W-MA
152
LED Indicator Status
Shown below are indication statuses of F3W-MA LED indicators when you purchased.
Emitter
Receiver
Name of Indicator
Color
Illuminated
Blinking
Operating range
LONG
Green
Long Range mode is selected by DIP Switch.
-
Running
RUN
Green
Power is ON.
-
Error
ERR
Red
-
Error in emitter. Generic error happens.
Name of Indicator
Color
Illuminated
Blinking
Top-beam-state
TOP
Blue
The top beam is unblocked.
-
Muting output A
MUTE A
Green
Muting Output A is activated.
-
Muting output B
MUTE B
Green
Muting Output B is activated.
-
Off-Delay
DELAY
Yellow
Off-Delay function is enabled by DIP Switch.
-
Chattering/ Void
space
CHAT
Green
Chattering and Void Space Prevention mode is se-
lected by DIP Switch.
-
Muting Enable
MUTE
DISABLE
Red
The Muting Enable function is enabled and Muting
Enable input is turned OFF by DIP Switch.
-
Error
ERR
Red
-
Error in receiver. Generic error happens.
Stable-state
STB
Green
Incident light level is 170% or higher of ON-threshold
-
Running
RUN
Green
Power is ON.
-
Communication
COM
Green
Synchronization between emitter and receiver is
maintained.
[Primary sensor]
- Start-up (for approx. 3 s)
- Synchronization between emitter
and receiver is lost
Bottom-beamstate
BTM
Blue
The bottom beam is unblocked.
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com