Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F3SG-R Datasheet(PDF) 153 Page - Omron Electronics LLC

Part # F3SG-R
Description  Safety Light Curtain
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F3SG-R Datasheet(HTML) 153 Page - Omron Electronics LLC

Back Button F3SG-R Datasheet HTML 149Page - Omron Electronics LLC F3SG-R Datasheet HTML 150Page - Omron Electronics LLC F3SG-R Datasheet HTML 151Page - Omron Electronics LLC F3SG-R Datasheet HTML 152Page - Omron Electronics LLC F3SG-R Datasheet HTML 153Page - Omron Electronics LLC F3SG-R Datasheet HTML 154Page - Omron Electronics LLC F3SG-R Datasheet HTML 155Page - Omron Electronics LLC F3SG-R Datasheet HTML 156Page - Omron Electronics LLC F3SG-R Datasheet HTML 157Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 164 page
background image
F3W-MA
153
Wiring Examples
Standard Muting Mode with F3SG-R (T-Shaped Configuration with COM lines)
The following is the example of F3W-MA with Scan Code B, Chattering and Void Space Prevention 1, Off-Delay 100 ms and Muting Enable
disabled.
DIP Switch settings *1
: Indicates a switch position.
*1.Configure functions with the DIP Switches before wiring. Refer to Smart Muting Actuator F3W-MA Series User's Manual for more information.
*2.DIP Switch Bank 2 is not used.
Wiring example
Note: The wiring examples in later pages do not indicate functional earth. To use functional earth, wire an earth cable according to the example
above. Refer to Smart Muting Actuator F3W-MA Series User's Manual for more information.
Function
DIP-SW1
DIP-SW2 *2
F3W-MA Primary
Receiver
Scan Code B (factory default setting)
Chattering and Void Space Prevention 1
Off-Delay 100 ms
Muting Enable Disabled (factory default setting)
Emitter
Scan Code B (factory default setting)
−
F3W-MA Secondary
Receiver
Emitter
−
No setting required
No setting required
1ON
1ON
2ON
3ON
2ON
3ON
4ON
5ON
4ON
5ON
6ON
6ON
1ON
F3W-MA Receiver
(Primary)
F3W-MA Receiver
(Secondary)
F39-JG
@A-D
F39-JG
@A-D
Functional Earth
Functional Earth
F3W-MA Emitter
(Primary)
F3W-MA Emitter
(Secondary)
F39-JG
@A-L
F39-JG
@A-L
Functional Earth
Functional Earth
+24 VDC
0 VDC
+24 VDC
0 VDC
*1. Signal wiring of the F3W-MA is not required.
*2. Do not connect CFG In line to +24 VDC line. Otherwise, F3W-MA enters the error state.
[Emitter]
[Receiver]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com