Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP1071 Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # LP1071
Description  802.11a/b/g Baseband System
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

LP1071 Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button LP1071 Datasheet HTML 18Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 19Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 20Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 21Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 22Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 23Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 24Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 25Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
LP1071 Advance Information, Rev. 0.5
22
Freescale Semiconductor
PRELIMINARY
DC Electrical Specifications
6.3
Footprint
7
DC Electrical Specifications
7.1
Absolute Maximum Ratings
Absolute maximum ratings are shown in Table 10.
1
2
3
4
5
6
7
8
9
10
11
12
A
IBIAS
AUXADCIN_2
PVSS3P_2
VREFN
AVDDIQADC AGNDIQDAC_
1
IDACOUTN QDACOUTP
PLL_
BYPASS
PLL_
BYPASS_
CLK
TCXO_
BYPASS_
CLK
VDD_
CORE_5
B
DVDD
AUXDACOUT
AVDD
PVDD3P_2
NC
IADCINP
AVDDIQDAC
_1
VOCM
FAST_CLK_
POWER
TCXO_
BYPASS
XTAL_
32K_
XOUT
XTAL_
32K_XIN
C
PVSS3P_1
RSSIADCIN
AUXADCIN_1
VBG
QADCINN
VREFP
IADCINN
IDACOUTP QDACOUTN
NC
VDD_
IO_6
XTAL_
BYPASS
_CLK
D
AVSS_PLL
AVDD_PLL
EXT_BIAS
AUXADCIN_
0
QADCINP
AGND
AGNDIQADC
GND
GND
RESET_N
XTAL_
BYPASS
RF_
LOCK_
DETECT
E TAVSSPOWER DVSS_PLL TAVDDPOWER
DGND
GND
GND
GND
GND
GND
EMBEDDED
_RESET_N
RF_SIF_
1_CS_N
RF_
SIF_0_S
CLK
F
AVDD_
TCXO
CLKIN
DVDD_PLL
PVDD3P_1
GND
GND
GND
GND
GND
RF_
ANTENNA_
SEL_N
RF_SIF_
2_DIN
RF_
RXHP
G
VDD_
CORE_1
AVSS_
TCXO
CHIP_
MODE_0
GND
GND
GND
GND
GND
GND
RF_VGA_0
RF_
ANTENNA
_SEL
VDD_
CORE_4
H
CHIP_
MODE_2
CHIP_
MODE_1
CHIP_
MODE_3
GND
GND
GND
GND
GND
GND
RF_VGA_2 RF_VGA_
1
RF_
VGA_3
J
SD_DAT_3
SD_DAT_2
SD_DAT_1
GND
GND
GND
GND
GND
GND
RF_
SPARE1
RF_VGA_
4
RF_
VGA_5
K
VDD_IO_1
SD_DAT_0
SD_CMD
ARM_
GPIO_2
ARM_
GPIO_6
ARM_
UART_0_DI
ARM_
EEPROM_
CLK_GPIO
JTAG_DO
JTAG_
MODE
VDD_IO_4
RF_
PAEN2
RF_
VGA_6
L
SD_CLK
VDD_IO_2
ARM_
GPIO_1
ARM_
GPIO_3
ARM_
GPIO_7
ARM_
EEPROM_
DAT_GPIO
JTAG_
RESET
JTAG_
CLOCK
RF_
ANALOG_
LDO
RF_EN
VDD_
CORE_3
RF_
PAEN1
M
VDD_IO_2
ARM_
GPIO_0
ARM_
GPIO_4
ARM_
GPIO_5
VDD_IO_3
ARM_
UART_0_
DO
VDD_
CORE_2
JTAG_DI
RF_RXEN
RF_TXEN
VDD_IO_
5
VDD_
CORE_3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com