Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP1071 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # LP1071
Description  802.11a/b/g Baseband System
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

LP1071 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button LP1071 Datasheet HTML 5Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 6Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 7Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 8Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 9Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 10Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 11Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 12Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Functional Description
LP1071 Advance Information, Rev. 0.5
Freescale Semiconductor
9
PRELIMINARY
3.4.4
Aux ADC
Aux ADC specifications are shown in Table 6.
3.4.5
Aux DAC
AUX DAC specifications are shown in Table 7.
Differential Nonlinearity (DNL)
± 0.5
LSB
ENOB
Fin = 100 kHz
5.5
bit
Table 6. Aux ADC Specifications
Parameter
Condition
Min
Typ
Max
Units
Resolution
8
bit
Maximum Sampling Rate
1
MHz
Input Voltage Range
0
AVdd
V
Latency
9
cycles
Integral Nonlinearity (INL)
±1.0
LSB
Differential Nonlinearity (DNL)
± 0.5
LSB
ENOB
Fin= 100 kHz
7.2
bit
Channel-to-Channel mismatch
Gain
Phase
0.2
0.5
dB
Degree
Wake-up time
From Shutdown
From Standby
10
2
µs
µs
Table 7. Aux DAC Specifications
Parameter
Condition
Min
Typ
Max
Units
Resolution
8
bit
Maximum Update rate
20
MHz
Output voltage for full scale input1
0.1
2.4
V
Load
5
10
kOhm
pF
Propagation delay (tpd)
5—
ns
Settling time (ts)
80
ns
Integral Nonlinearity (INL)
±1.0
LSB
Differential Nonlinearity (DNL)
± 0.5
LSB
Table 5. RSSI ADC Specifications (continued)
Parameter
Condition
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com