Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP1071 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # LP1071
Description  802.11a/b/g Baseband System
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

LP1071 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button LP1071 Datasheet HTML 12Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 13Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 14Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 15Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 16Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 17Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 18Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 19Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
LP1071 Advance Information, Rev. 0.5
16
Freescale Semiconductor
PRELIMINARY
Pinout and Footprint
Figure 3. LP1071 Clocks
5.1
System Clock
The LP1071 is clocked using an external crystal oscillator (XO) or a temperature compensated crystal
oscillator (TCXO) running at 40MHz with a frequency resolution of ± 20 ppm or better.
5.2
PLL Block
PLL Bypass
5.3
Low Frequency Clock
The LP1071 uses a low power 32 kHz crystal oscillator to maintain the timing during sleep.
6
Pinout and Footprint
6.1
Pinout
See Table 9 for the pin description.
Table 9. Pin Description
Pad Name
Pad Type
Direction
Description
Pin
Power and Ground Pads
VDD_IO
pvdd2dgz
N/A
3.3 V I/O power pad (22 mA per pad max current)
K1
TCXO
Clock
Control
Cuircuits
40 MHz
44 MHz
20 MHz
22 MHz
PLL
40 MHz
PLL_BYPAS
S
TCXO_BYPASS
TCXO_BYPASS_CLK
PLL_BYPASS_CLK
XTAL
32 kHz
XTAL_BYPASS
XTAL_BYPASS_CLK
88 MHz
32 kHz
ARM
AFE
Chip
Boundary
FAST_CLK_PWR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com