Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP1071 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # LP1071
Description  802.11a/b/g Baseband System
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

LP1071 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button LP1071 Datasheet HTML 4Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 5Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 6Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 7Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 8Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 9Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 10Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 11Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
LP1071 Advance Information, Rev. 0.5
8
Freescale Semiconductor
PRELIMINARY
Functional Description
3.4.2
I/Q DAC
I/Q DAC specifications are shown in Table 4.
3.4.3
RSSI ADC
RSSI ADC specifications are shown in Table 5.
Table 4. I/Q DAC
Parameter
Condition
Min
Typ
Max
Units
Resolution
8
bit
Maximum Update rate
44
MHz
3dB Signal Bandwidth
11
MHz
Output common-mode voltage
0.7
Vcmo1
1 See Analog input pin for definition of I/Q DAC output common-mode level.
1.5
V
Load
10
5
Kohm
pF
Integral Nonlinearity (INL)
±1.0
LSB
Differential Nonlinearity (DNL)
± 0.5
LSB
Total Harmonic Distortion (THD)
Fin= 1MHz
Fin= 10MHz
-48.5
-47
dB
dB
SNR
Fin= 1MHz
Fin= 10MHz
48.5
47
dB
dB
ENOB
Fin= 1MHz
Fin= 10MHz
7.2
7.0
bit
bit
Channel-to-Channel mismatch
Gain
Phase
0.2
0.5
dB
Degree
DC offset after calibration
-1
+1
LSB
Wake-up time
From Shutdown
From Standby
10
2
µs
µs
Table 5. RSSI ADC Specifications
Parameter
Condition
Min
Typ
Max
Units
Resolution
6
bit
Maximum Sampling Frequency
10
MHz
Input Voltage Range
0
3
V
Latency
3
cycles
Integral Nonlinearity (INL)
±1.0
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com