Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP1071 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # LP1071
Description  802.11a/b/g Baseband System
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

LP1071 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button LP1071 Datasheet HTML 6Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 7Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 8Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 9Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 10Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 11Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 12Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 13Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
LP1071 Advance Information, Rev. 0.5
10
Freescale Semiconductor
PRELIMINARY
LP1071 Interfaces
4
LP1071 Interfaces
4.1
SDIO Host Interface
The LP1071 supports SDIO Card Specifications, Version 1.00 (http://www.sdcard.org). The LP1071
SDIO host interface supports the I/O mode of the SD Card Specifications.
4.1.1
SDIO Supported Features
The features supported by the LP1071 SDIO host interface are:
SD 1-Bit Mode
SD 4-Bit Mode
Low Speed
Full Speed (25 MHz)
Interrupt
CMD52 during Data Transfer
CMD53 Multi Block Transfer
Interrupt during 4-bit Multiple Block Data Transfer
Combo Card (I/O mode only)
4.1.2
SDIO Function 0/1
For Function 0 registers descriptions, refer to SDIO Card Specification. For Function 1, the SDIO registers
occupy a 128 Kbyte space as defined in the SDIO specification. Figure 2 illustrates SDIO Function 1
128 Kbyte Memory Map and Table 8 details its registers.
ENOB
Fin= 1MHz
7.2
bit
Wake-up time
From Shutdown
From Standby
10
2
µs
µs
1 Due to saturation of the output buffer, INL and DNL are not applicable for output voltages below 200 mV. Output is monotonic
above 0.1 V.
Table 7. Aux DAC Specifications (continued)
Parameter
Condition
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com