Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP1071 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # LP1071
Description  802.11a/b/g Baseband System
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

LP1071 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button LP1071 Datasheet HTML 11Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 12Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 13Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 14Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 15Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 16Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 17Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 18Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
Timers/Reset
LP1071 Advance Information, Rev. 0.5
Freescale Semiconductor
15
PRELIMINARY
4.2
RF Interface
4.2.1
Serial Programmable Interface (SPI)
•
The SPI is composed of 3 signals:
1. RF_SIF_0_SCLK (serial clock)
2. RF_SIF_1_CS_N (chip select)
3. RF_SIF_2_DIN (data input)
•
The serial information is sent to the RF transceiver in 18 bit bursts framed by chip select. The 18
bits comprises of leading 14 (or less) data bits and trailing 4 address bits
•
Programming clock edges are ignored until chip select goes active low.
•
All bits are shifted in on the rising edge of the clock and latched in when chip select returns inactive
high. (permissible for the clock in either state)
•
The interface can be programmed in any operating mode.
•
Serial information is clocked in with the most significant bit (MSB) first.
•
The address bits for the internal registers are decoded on the rising edge of chip select.
•
The rising edge of chip select initiates an internal parallel load pulse that latches the last 18-bit
serially shifted-in data into the internal register.
5
Timers/Reset
The TCXO generates the 40 MHz RFIC 800 mV clipped sine wave reference clock.
The TCXO output is converted to a digital signal via a clock squarer input pad circuit. The 40 MHz TCXO
reference is used to generate the 40 MHz IQDAC clock and the 20 MHz IQADC clock. The PLL
synthesizes a reference from the 40 MHz reference. The reference is then used to generate the BRC, ARM,
PAS and Symbol Processor clocks, the 44 MHz IQ DAC clock and the 22 MHz IQ ADC clock. When the
TCXO and PLL are powered down the only active clock source is the 32 kHz XTAL, a.k.a. the Slow Clock.
The TCXO, PLL and XTAL clock references all include bypass MUXes which allow the individual clock
reference to be driven by an external signal.
Figure 3 illustrates the high level clocking of the LP1071 with the associated pins.
8 Kbyte Internal Memory Buffer RAM (offset 0x4000 to 0x5FFF)
7:0
Imem_rdat[15:0]
This is an internal memory buffer for specific use
by the SDIO device. Data is read or written to this
memory via SDIO cmd 53 reads or writes. Then,
the SDIO DMA controller is used to move the data
from the internal memory buffer to/from shared
memory under device (ARM) control.
—
RW
—
Table 8. SDIO Function 1 Registers (continued)
Bit
Name
Description
ARM
Access
HOST
Access
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com