Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP1071 Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # LP1071
Description  802.11a/b/g Baseband System
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

LP1071 Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button LP1071 Datasheet HTML 15Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 16Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 17Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 18Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 19Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 20Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 21Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 22Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
Pinout and Footprint
LP1071 Advance Information, Rev. 0.5
Freescale Semiconductor
19
PRELIMINARY
ARM_GPIO4
pdb04dgz
bi-dir
General Purpose I/O
M3
ARM_GPIO5
pdb04dgz
bi-dir
General Purpose I/O
M4
ARM_GPIO6
pdb04dgz
bi-dir
General Purpose I/O
K5
ARM_GPIO7
pdb04dgz
bi-dir
General Purpose I/O
L5
ARM_UART_0_DI
pdb04dgz
Input
UART input data.
K6
ARM_UART_0_DO
pdb04dgz
output
UART output data.
M6
ARM_EEPROM_DAT_GPIO
pdb04dgz
bi-dir
General Purpose I/O dedicated for EEPROM.
L6
ARM_EEPROM_CLK_GPIO
pdb04dgz
bi-dir
General Purpose I/O dedicated for EEPROM.
K7
SDIO Signals (other signals on interface are 1 Vdd and 2 Vss pins)
CD/DAT3 (connector pin 1)
pduw04dgz
bi-dir
card detect/data 3.
J1
DAT[2] (connector pin 9)
pdu04dgz
bi-dir
data 2.
J2
DAT[1] (connector pin 8)
pdu04dgz
bi-dir
data 1/interrupt.
J3
DAT[0] (connector pin 7)
pdu04dgz
bi-dir
data 0/busy indication.
K2
CMD (connector pin 2)
pdu04dgz
bi-dir
command/response.
K3
CLK (connector pin 5)
pdisdgz
input
clock
L1
AFE Interface
AGND
pdiana2p
N/A
Analog ground
D6
AGNDIQADC
pdiana2p
N/A
Analog ground
D7
AGNDIQDAC_1
pdiana2p
N/A
Analog ground
A6
AGNDREF
pdiana2p
N/A
Analog Reference negative supply
AVDD
pdiana2p
N/A
Analog 3.3 volt
B3
AVDDIQADC
pdiana2p
N/A
Analog 3.3 volt
A5
AVDDIQDAC_1
pdiana2p
N/A
Analog 3.3 volt
B7
VDDIQADC
pvdd3p
N/A
3.3 volt power for ESD Diodes
B4
VSSIQADC
pvss3p
N/A
3.3 volt ground for ESD Diodes
C1
VDDIQDAC
pvdd3p
N/A
3.3 volt power for ESD Diodes
F4
DGND
pvss1dgz
N/A
Digital Ground
E4
DVDD
pvdd1dgz
N/A
Digital 1.8 Volt
B1
IBIAS
pdiana2p
N/A
Pin for monitoring or bypassing bias current, flowing
out of the pin to agnd.
A1
VBG
pdiana2p
N/A
Voltage reference pin for decoupling (equal to 1.25 V).
Connect 1 uF (ceramic) + 100 nF (ceramic) to agndref.
C4
VREFN
pdiana2p
input
ADC Negative reference for decoupling
A4
VREFP
pdiana2p
input
ADC Positive reference for decoupling
C6
AUXADCIN_0
pdiana2p
input
Muxed analog input to auxiliary ADC bit 0
D4
Table 9. Pin Description (continued)
Pad Name
Pad Type
Direction
Description
Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com