Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP1071 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # LP1071
Description  802.11a/b/g Baseband System
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

LP1071 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  LP1071 Datasheet HTML 1Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 2Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 3Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 4Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 5Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 6Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 7Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 8Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Specifications
LP1071 Advance Information, Rev. 0.5
Freescale Semiconductor
3
PRELIMINARY
•
Supports Direct Conversion (Zero-IF) radio architecture, saving RF components thus reducing
BOM cost and simplifying board layout
•
Generic RF interface that lets it work with virtually an WLAN RF components. Currently fully
tested with RF from Maxim and Airoha.
•
Total Flexibility in meeting customer requirements by providing software-controlled trade-off
between competing performance metrics.
2
Specifications
Table 1. Specifications
Feature
Details
Network Standard Support
IEEE 802.11a/b/g
Network Architectures
Infrastructure, AdHoc
Data Rates
802.11 a/g:
6, 9, 12, 18, 24, 36, 48, 54 Mbps
802.11b:
1, 2, 5.5, 11 Mbps
Modulation Techniques
BPSK, QPSK, 16QAM, 64QAM, CCK, OFDM, DSSS
Security
40- and 128-bit WEP, TKIP, WPA, AES
Receiver Sensitivity
802.11g
802.11b
6 Mbps: –91.0 dBm
1 Mbps: –97.4 dBm
9 Mbps: –90.5 dBm
2 Mbps: –94.1 dBm
12 Mbps: –88.6 dBm
5.5Mbps: –92.5 dBm
18 Mbps: –86.4 dBm
11Mbps: –88.9 dBm
24 Mbps: –81.4 dBm
36 Mbps: –79.9 dBm
48 Mbps: –76.1 dBm
54Mbps: –73.1 dBm
Power Consumption
Receive: 150 mW avg (@54Mbps)
Listen:
132 mW
Sleep:
Less than1 mW
Supply Voltage
I/O:
3.3 ± 0.3 Vdc
Core:
1.8 ± 5% Vdc
Operating Temperature
0°C to +70°C; < 95% humidity
Host Interface
SDIO, compliant with SDIO Card Specifications, Version 1.00
Other Interfaces
JTAG
8 GPIO pins
One UART
Serial EEPROM
Operating System Support
Microsoft Windows CE.net 3.0, 4.2, 5.0
Microsoft Pocket PC 2002, 2003
Packaging Options
144-pin VFBGA, 9.0 x 9.0 x 1.0 (max) mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com