Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP1071 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # LP1071
Description  802.11a/b/g Baseband System
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

LP1071 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button LP1071 Datasheet HTML 13Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 14Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 15Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 16Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 17Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 18Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 19Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 20Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
Pinout and Footprint
LP1071 Advance Information, Rev. 0.5
Freescale Semiconductor
17
PRELIMINARY
VDD_IO
pvdd2dgz
N/A
3.3 V I/O power pad (22 mA per pad max current)
L2
VDD_IO
pvdd2dgz
N/A
3.3 V I/O power pad (22 mA per pad max current)
M5
VDD_IO
pvdd2dgz
N/A
3.3 V I/O power pad (22 mA per pad max current)
K10
VDD_IO
pvdd2dgz
N/A
3.3 V I/O power pad (22 mA per pad max current)
M11
VDD_IO
pvdd2dgz
N/A
3.3 V I/O power pad (22 mA per pad max current)
C11
VSS_IO
pvss2dgz
N/A
I/O ground pad (94 mA max current)
H4
VSS_IO
pvss2dgz
N/A
I/O ground pad (94 mA max current)
J4
VSS_IO
pvss2dgz
N/A
I/O ground pad (94 mA max current)
J6
VSS_IO
pvss2dgz
N/A
I/O ground pad (94 mA max current)
J9
VSS_IO
pvss2dgz
N/A
I/O ground pad (94 mA max current)
H8
VSS_IO
pvss2dgz
N/A
I/O ground pad (94 mA max current)
H9
VSS_IO
pvss2dgz
N/A
I/O ground pad (94 mA max current)
F9
VSS_IO
pvss2dgz
N/A
I/O ground pad (94 mA max current)
E9
VDD_CORE
pvdd1dgz
N/A
1.8 V core power pad (31 mA per pad max current)
G1
VDD_CORE
pvdd1dgz
N/A
1.8 V core power pad (31 mA per pad max current)
M7
VDD_CORE
pvdd1dgz
N/A
1.8 V core power pad (31 mA per pad max current)
L11
VDD_CORE
pvdd1dgz
N/A
1.8 V core power pad (31 mA per pad max current)
G12
VDD_CORE
pvdd1dgz
N/A
1.8 V core power pad (31 mA per pad max current)
D9
VDD_CORE
pvdd1dgz
N/A
1.8 V core power pad (31 mA per pad max current)
A12
VSS_CORE
pvss1dgz
N/A
core ground pad (25 mA per pad max current)
G4
VSS_CORE
pvss1dgz
N/A
core ground pad (25 mA per pad max current)
J7
VSS_CORE
pvss1dgz
N/A
core ground pad (25 mA per pad max current)
J8
VSS_CORE
pvss1dgz
N/A
core ground pad (25 mA per pad max current)
G9
VSS_CORE
pvss1dgz
N/A
core ground pad (25 mA per pad max current)
D8
VSS_CORE
pvss1dgz
N/A
core ground pad (25 mA per pad max current)
Table 9. Pin Description (continued)
Pad Name
Pad Type
Direction
Description
Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com