Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP1071 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # LP1071
Description  802.11a/b/g Baseband System
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

LP1071 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button LP1071 Datasheet HTML 9Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 10Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 11Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 12Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 13Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 14Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 15Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 16Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
LP1071 Interfaces
LP1071 Advance Information, Rev. 0.5
Freescale Semiconductor
13
PRELIMINARY
Device to SDIO Host Interrupt Enable 0 (0x0017)
7:0
Arm_to_sdio_inte_en[7:0]
Individual bit enables for each of the device to host
interrupt source bits. Setting the corresponding bit
to a “1” enables the interrupt; “0” disables the
interrupt. The SDIO Host can disable all interrupts
by disabling the main SDIO host interrupt in the
CCCR register.
RW
0’s
Device to SDIO Host Interrupt Enable 1 (0x0018)
2:0
Arm_to_sdio_inte_en[10:8]
Individual bit enables for each of the device to host
interrupt source bits. Setting the corresponding bit
to a “1” enables the interrupt; “0” disables the
interrupt. The SDIO Host can disable all interrupts
by disabling the main SDIO host interrupt in the
CCCR register.
Bit 0 is enable for semaphore 0 granted; bit 1 is
semaphore 1; and bit 2 is semaphore 2.
RW
0’s
7:3
Reserved
SDIO Host Mailbox Semaphore 0 Register (offset 0x001C)
1:0
Sdio_mbxp_0_sema
2 bit semaphore register to control whether the
host or the device has access to the shared
mailbox ram 0. The host should write a “01” to this
register to request the shared ram 0. After writing
“01” the host should read this register. If the value
is “01” then the host owns access to the mailbox.
If the value read is “11” then the device owns
access to the mailbox. When the host is done
utilizing the mailbox then it should release
ownership of the mailbox by writing “00” to this
register.
RW
RW
0’s
7:2
Reserved
SDIO Host Mailbox Semaphore 1 Register (offset 0x001D)
1:0
Sdio_mbxp_1_sema
2 bit semaphore register to control whether the
host or the device has access to the shared
mailbox ram 1. The host should write a “01” to this
register to request the shared ram 1. After writing
“01” the host should read this register. If the value
is “01” then the host owns access to the mailbox.
If the value read is “11” then the device owns
access to the mailbox. When the host is done
utilizing the mailbox then it should release
ownership of the mailbox by writing “00” to this
register.
RW
RW
0’s
7:2
Reserved
Table 8. SDIO Function 1 Registers (continued)
Bit
Name
Description
ARM
Access
HOST
Access
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com