Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP1071 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # LP1071
Description  802.11a/b/g Baseband System
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

LP1071 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  LP1071 Datasheet HTML 1Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 2Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 3Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 4Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 5Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 6Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 7Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 8Page - Freescale Semiconductor, Inc LP1071 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
© Freescale Semiconductor, Inc., 2005. All rights reserved.
PRELIMINARY
Freescale Semiconductor
Advance Information
This document contains information on a new product. Specifications and information herein are subject to change without notice.
Document Number: LP1071
Rev. 0.5, 12/2005
1
Introduction
1.1
The LP1070 Family
Freescale Semiconductor’s 802.11 LP1070 family
consists of high-performance, highly optimized PHY
and MAC baseband Wireless LAN processors that fully
implement the IEEE 802.11a, 802.11b and 802.11g PHY
standards. These baseband processors are poised to
revolutionize the Wireless LAN industry by setting new
standards for power consumption, size, cost and
performance.
The LP1070 family is based on Freescale's proprietary
Wireless Broadband Signal Processor™ (WBSP™), an
innovative and revolutionary receiver architecture that
significantly reduces size and power consumption while
providing maximum flexibility to support multiple
wireless standards with no additional overhead.
In addition to their superior performance and ultra low
power consumption, the LP1070 processors provide the
customers with the flexibility to tailor the chip
characteristics to their needs. With software control, the
LP1071
802.11a/b/g Baseband System
Solution
Contents
1 Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . 1
2 Specifications . . . . . . . . . . . . . . . . . . . . . . . . . 3
3 Functional Description . . . . . . . . . . . . . . . . . 4
4 LP1071 Interfaces . . . . . . . . . . . . . . . . . . . . . 10
5 Timers/Reset . . . . . . . . . . . . . . . . . . . . . . . . . 15
6 Pinout and Footprint . . . . . . . . . . . . . . . . . . 16
7 DC Electrical Specifications . . . . . . . . . . . . 22
8 Timing Characteristics . . . . . . . . . . . . . . . . . 25
9 Mechanical Dimensions . . . . . . . . . . . . . . . . 28
10 Development Support . . . . . . . . . . . . . . . . . 28
11 Appendix: Comparison of LP1071 and
LP1072 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
12 Revision History . . . . . . . . . . . . . . . . . . . . . 30


Similar Part No. - LP1071

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LP107 ETC1-LP107 Datasheet
41Kb / 2P
25/30 WATT Low Profile
logo
Freescale Semiconductor...
LP1072 FREESCALE-LP1072 Datasheet
515Kb / 32P
802.11a/b/g Baseband System Solution
More results

Similar Description - LP1071

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM4328 BOARDCOM-BCM4328 Datasheet
117Kb / 2P
AirForce One SINGLE-CHIP IEEE 802.11a/b/g MAC/BASEBAND/RADIO WITH INTEGRATED CPU
logo
Freescale Semiconductor...
LP1072 FREESCALE-LP1072 Datasheet
515Kb / 32P
802.11a/b/g Baseband System Solution
logo
ATMEL Corporation
AT76C517 ATMEL-AT76C517 Datasheet
73Kb / 3P
802.11a/b/g Baseband Controller
logo
Suntsu Electronics, Inc...
SATIA-86A7I-WFB1 SUNTSU-SATIA-86A7I-WFB1 Datasheet
390Kb / 3P
Bluetooth & IEEE 802.11a/b/g
SATIA-109A7J-WFB1 SUNTSU-SATIA-109A7J-WFB1 Datasheet
389Kb / 3P
Bluetooth & IEEE 802.11a/b/g
SATIA-119C6A-WFB1 SUNTSU-SATIA-119C6A-WFB1 Datasheet
436Kb / 3P
Bluetooth & IEEE 802.11a/b/g
SATIA-144G14F-WFB3 SUNTSU-SATIA-144G14F-WFB3 Datasheet
584Kb / 4P
Bluetooth & IEEE 802.11a/b/g/ac
SATIA-145A6A-WFB1 SUNTSU-SATIA-145A6A-WFB1 Datasheet
635Kb / 3P
Bluetooth & IEEE 802.11a/b/g
SATIA-160A11A-WFB1 SUNTSU-SATIA-160A11A-WFB1 Datasheet
1,016Kb / 3P
Bluetooth & IEEE 802.11a/b/g
SATIA-196G6D-WFB1 SUNTSU-SATIA-196G6D-WFB1 Datasheet
527Kb / 3P
Bluetooth & IEEE 802.11a/b/g
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com