Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE72010 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE72010
Description  Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE72010 Datasheet(HTML) 35 Page - Texas Instruments

Back Button CDCE72010 Datasheet HTML 31Page - Texas Instruments CDCE72010 Datasheet HTML 32Page - Texas Instruments CDCE72010 Datasheet HTML 33Page - Texas Instruments CDCE72010 Datasheet HTML 34Page - Texas Instruments CDCE72010 Datasheet HTML 35Page - Texas Instruments CDCE72010 Datasheet HTML 36Page - Texas Instruments CDCE72010 Datasheet HTML 37Page - Texas Instruments CDCE72010 Datasheet HTML 38Page - Texas Instruments CDCE72010 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 70 page
background image
CONFIGURATION DEFAULT MODE
EEPROM
PLL_LOCK
REF_SEL
POWERDOWN
RESET
HOLD
or
MODE_SEL
AUX_SEL
SPI_MISO
SPI_LE(CD1)
SPI_CLK(CD2)
SPI_MOSI(CD3)
Interface
&Control
RAMResistors
PLL_LOCK
REF_SEL
POWERDOWN
RESET
HOLD
or
MODE_SEL
AUX_SEL
CD1
CD2
CD3
EEPROM
Interface
&Control
RAMResistors
CDCE72010
www.ti.com...................................................................................................................................................................................................... SCAS858 – JUNE 2008
The CDCE72010 has two modes of operation, SPI Interface and Configuration Default Mode. The Configuration
Default mode is selected when MODE_SELECT Pin is driven low and it is used where SPI interface is not
available. In the CD Mode configuration, the SPI interface Pins become static control pins CD1, CD2, CD3 and
AUX_SEL as shown in the Pin description. The CD Mode signals are sampled only at power up or after Power
Down are asserted.
In CD Mode BYPASS, CD1 and CD2 are used to switch between EEPROM saved configurations. -CD1 allows
swapping Divider and Phase Adjust value between output couples.
• CD2 allows changing the output type for each output.
• AUX_SEL Controls the Output Mux between VCXO and AUX Input.
• CD3 must be grounded in CD Mode.
Without any interface a single device with a single program can have multiple configurations that can be
implemented on more than one socket.
Figure 13. Writing to EEPROM via SPI Bus in
Figure 14. Using CD1, CD2 to Control What is Copied
Manufacutring,
From EEPROM Into RAM Registers at Power Up
3rd Party Vendor or at TI Test
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Link(s): CDCE72010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com