Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE72010 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE72010
Description  Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE72010 Datasheet(HTML) 5 Page - Texas Instruments

  CDCE72010 Datasheet HTML 1Page - Texas Instruments CDCE72010 Datasheet HTML 2Page - Texas Instruments CDCE72010 Datasheet HTML 3Page - Texas Instruments CDCE72010 Datasheet HTML 4Page - Texas Instruments CDCE72010 Datasheet HTML 5Page - Texas Instruments CDCE72010 Datasheet HTML 6Page - Texas Instruments CDCE72010 Datasheet HTML 7Page - Texas Instruments CDCE72010 Datasheet HTML 8Page - Texas Instruments CDCE72010 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 70 page
background image
PACKAGE THERMAL RESISTANCE FOR QFN (RGZ) PACKAGE
(1) (2)
ABSOLUTE MAXIMUM RATINGS
CDCE72010
www.ti.com...................................................................................................................................................................................................... SCAS858 – JUNE 2008
TERMINAL FUNCTIONS (continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
U0P:U0N
7,6
U1P:U1N
10,9
U2P:U2N
13,12
U3P:U3N
21,20
The main outputs of the CDCE72010 are user definable and can be any combination of up
U4P:U4N
24,23
O
to 9 LVPECL outputs, 9 LVDS outputs, or up to 18 LVCMOS outputs. The outputs are
U5P:U5N
27,26
selectable via the SPI interface. The power-up setting is EEPROM configurable.
U6P:U6N
30,29
U7P:U7N
36,35
U8P:U8N
39,38
Positive universal output buffer 9 can be 3-stated and used as a positive universal auxiliary
U9P or AUXINP
42
I/O
input buffer (It requires external termination). The auxiliary input signal can be routed to
drive the outputs or the feedback loop to the PLL.
Negative universal output buffer 9 can be 3-stated and used as a negative universal
U9N or AUXINN
41
I/O
auxiliary input buffer (It requires external termination). The auxiliary input signal can be
routed to drive the outputs or the feedback loop to the PLL.
AIRFLOW
θ
JP (°C/W)
(3)
θ
JA (°C/W)
(LFM)
0
JEDEC compliant board (6×6 VIAs on PAD)
1.5
28
100
JEDEC compliant board (6×6 VIAs on PAD)
1.5
17.6
0
Recommended layout (10×10 VIAs on PAD)
1.5
22.8
100
Recommended layout (10×10 VIAs on PAD)
1.5
13.8
(1)
The package thermal impedance is calculated in accordance with JESD 51 and JEDEC2S2P (high-k board).
(2)
Connected to GND with 9 thermal vias (0.3 mm diameter).
(3)
θ
JP (Junction – Pad) is used for the QFN package, because the main heat flow is from the junction to the GND-pad of the QFN.
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC,
AVCC,
Supply voltage range(1)
–0.5
4.6
V
VCC_CP
VI
Input voltage range(2)
–0.5 VCC + 0.5
V
VO
Output voltage range(2)
–0.5 VCC + 0.5
V
Input current
VI < 0, VI > VCC
±20
mA
Output current for LVPECL/LVCMOS Outputs
0 < VO < VCC
±50
mA
TJ
Junction temperature
125
°C
Tstg
Storage temperature range
–65
150
°C
(1)
All supply voltages have to be supplied simultaneously.
(2)
The input and output negative voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): CDCE72010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com