Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE72010 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE72010
Description  Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE72010 Datasheet(HTML) 24 Page - Texas Instruments

Back Button CDCE72010 Datasheet HTML 20Page - Texas Instruments CDCE72010 Datasheet HTML 21Page - Texas Instruments CDCE72010 Datasheet HTML 22Page - Texas Instruments CDCE72010 Datasheet HTML 23Page - Texas Instruments CDCE72010 Datasheet HTML 24Page - Texas Instruments CDCE72010 Datasheet HTML 25Page - Texas Instruments CDCE72010 Datasheet HTML 26Page - Texas Instruments CDCE72010 Datasheet HTML 27Page - Texas Instruments CDCE72010 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 70 page
background image
CDCE72010
SCAS858 – JUNE 2008...................................................................................................................................................................................................... www.ti.com
Register 3: SPI Mode
SPI
RAM
POWER UP
BIT NAME
RELATED BLOCK
DESCRIPTION/FUNCTION
BIT
BIT
CONDITION
0
A0
Address 0
1
1
A1
Address 1
1
2
A2
Address 2
0
3
A3
Address 3
0
When set to 0, the REF-clock frequency detector is ON
4
0
DIS_FDET_REF
PLL Freq. Detect
EEPROM
When set to 1, it is switched OFF
When set to 1, the feedback path frequency detector is switched OFF
5
1
DIS_FDET_FB
Diagnostics
EEPROM
(TI Test-GTME)
6
2
BIAS_DIV01<0>
When BIAS_DIV01<1:0> =
Output Divider
00, No current reduction for all output-divider
EEPROM
0 and 1
01, Current reduction for all output-divider by about 20%
7
3
BIAS_DIV01<1>
10, Current reduction for all output-divider by about 30%
8
4
BIAS_DIV23<0>
When BIAS_DIV23<1:0> =
Output Divider
00, No current reduction for all output-divider
EEPROM
2 and 3
01, Current reduction for all output-divider by about 20%
9
5
BIAS_DIV23<1>
10, Current reduction for all output-divider by about 30%
10
6
PH3ADJC0
11
7
PH3ADJC1
12
8
PH3ADJC2
13
9
PH3ADJC3
Output 3
Coarse phase adjust select for Output Divider 3
EEPROM
14
10
PH3ADJC4
15
11
PH3ADJC5
16
12
PH3ADJC6
17
13
OUT3DIVRSEL0
18
14
OUT3DIVRSEL1
19
15
OUT3DIVRSEL2
Output Divider 3 ratio select
20
16
OUT3DIVRSEL3
Output 3
EEPROM
(seeTable 7)
21
17
OUT3DIVRSEL4
22
18
OUT3DIVRSEL5
23
19
OUT3DIVRSEL6
When set to 0, the divider is disabled
24
20
EN3DIV
Output 3
EEPROM
When set to 1, the divider is enabled
25
21
PECL3HISWING
Output 3
High Output Voltage Swing in LVPECL Mode if set to 1
EEPROM
26
22
CMOSMODE3PX
LVCMOS mode select for OUTPUT 3 Positive Pin.
Output 3
EEPROM
(X,Y) = 00: Active, 10: Inverting, 11: Low, 01: 3-State
27
23
CMOSMODE3PY
28
24
CMOSMODE3NX
LVCMOS mode select for OUTPUT 3 Negative Pin.
Output 3
EEPROM
(X,Y) = 00: Active, 10: Inverting, 11: Low, 01: 3-State
29
25
CMOSMODE3NY
RAM BITS
OUTPUT TYPE
30
26
OUTBUFSEL3X
Output 3
22
23
24
25
26
27
EEPROM
LVPECL
0
0
0
0
0
1
LVDS
0
1
0
1
1
1
31
27
OUTBUFSEL3Y
Output 3
LVCMOS
See Settings Above(1)
0
0
EEPROM
All Outputs Disabled
0
1
0
1
1
0
(1)
Use description for bits 22, 23, 24, and 25 for setting the LVCMOS outputs
24
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): CDCE72010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com