Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE72010 Datasheet(PDF) 58 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE72010
Description  Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE72010 Datasheet(HTML) 58 Page - Texas Instruments

Back Button CDCE72010 Datasheet HTML 54Page - Texas Instruments CDCE72010 Datasheet HTML 55Page - Texas Instruments CDCE72010 Datasheet HTML 56Page - Texas Instruments CDCE72010 Datasheet HTML 57Page - Texas Instruments CDCE72010 Datasheet HTML 58Page - Texas Instruments CDCE72010 Datasheet HTML 59Page - Texas Instruments CDCE72010 Datasheet HTML 60Page - Texas Instruments CDCE72010 Datasheet HTML 61Page - Texas Instruments CDCE72010 Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 70 page
background image
EXTERNAL/HOLD FUNCTION
INTERNAL/HOLD FUNCTION
3-State
ChargePump
yes
yes
no
PLL
Out-of-Lock
PLL-Lock
OutputSet
no
64PFD
LockCycles
Ref.Clock
isBack
no
no
Start
PLL isout- of-lockifthephase
differenceof ReferenceClock and
FeedbackClock
atPFDareoutsidethe
predefinedLock-Detect-Windoworifa
Cycle- Slipoccurs.
FrequencyHold-OverFunctionworksin
combinationwiththe AnalogLock -Detect
Charge- Pumpisswitchedinto 3-State.
PLL hastobeinLOCKtostart
HOLD-Function.
( The AnalogLockoutputisnotresetbythefirstOut-of-
Lockevent. Itstays ‘High’ dependingontheanalogtime
delay ( outputC-load). Thetimedelaymustbelongenough
toguaranteeproperHOLDfunction)
TheCharge-Pumpremainsinto 3-State
untilthe ReferenceClock isback. The 1
st
valid ReferenceClock atthePFDreleases
theCharge- Pump.
ThePLL acquire 64 lockcyclestophase
aligntotheinputclock.
CDCE72010
SCAS858 – JUNE 2008...................................................................................................................................................................................................... www.ti.com
The Charge Pump can directly be switched into 3-State. This function is also available via SPI register. If logic
low is applied to HOLD pin the Charge Pump will be switched to 3-State. After HOLD pin is released, the charge
pump is switched back in to normal operation, with the next valid reference clock cycle at PRI_REF or SEC_REF
and the next valid feedback clock cycle at the PFD. During HOLD, all divider and all outputs are at normal
operation.
In Internal HOLD Function or HOLD-Over-Function the PLL has to be in lock to start the HOLD function. It
switches the Charge Pump in to 3-State when an ‘out-of-lock’ event occurs. It leaves the ‘3-State Charge Pump’
state when the Reference Clock is back. Then it starts a locking sequence of 64 cycles before it goes back to the
beginning of the HOLD-Over loop.
Figure 24. Frequency Hold Over
58
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): CDCE72010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com