Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE72010 Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE72010
Description  Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE72010 Datasheet(HTML) 53 Page - Texas Instruments

Back Button CDCE72010 Datasheet HTML 49Page - Texas Instruments CDCE72010 Datasheet HTML 50Page - Texas Instruments CDCE72010 Datasheet HTML 51Page - Texas Instruments CDCE72010 Datasheet HTML 52Page - Texas Instruments CDCE72010 Datasheet HTML 53Page - Texas Instruments CDCE72010 Datasheet HTML 54Page - Texas Instruments CDCE72010 Datasheet HTML 55Page - Texas Instruments CDCE72010 Datasheet HTML 56Page - Texas Instruments CDCE72010 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 70 page
background image
CHARGE PUMP
CDCE72010
www.ti.com...................................................................................................................................................................................................... SCAS858 – JUNE 2008
The Charge Pump drives the loop filter that controls the external VCO/VCXO. The Charge pump frequency is
determined by the PFD frequency since the function of the charge pump is to translate the UP DOWN signals of
the PFD into current pulses that drives the external filter. The Charge pump current is set by the control vector
ICP [3:0]. The error amplifier operates from 0.7V to the VDD supply voltage. See the table below for ICP settings.
Table 13. CP, Charge Pump Current (Register 0 RAM Bits [17:14])
TYPICAL CHARGE PUMP
ICP3
ICP2
ICP1
ICP0
CURRENT
0
0
0
0
0
µA (3-State)
0
0
0
1
200
µA
0
0
1
0
400
µA
0
0
1
1
600
µA
0
1
0
0
800
µA
0
1
0
1
1.0 mA
0
1
1
0
1.2 mA
0
1
1
1
1.4 mA
1
0
0
0
1.6 mA
1
0
0
1
1.8 mA
1
0
1
0
2.0 mA
1
0
1
1
2.2 mA(1)
1
1
0
0
2.4 mA
1
1
0
1
2.6 mA
1
1
1
0
2.8 mA
1
1
1
1
3.0 mA
(1)
Default
The ‘Preset Charge-Pump to VCC_CP/2 is a useful feature to quickly set the center frequency of the VC(X)O after
Power-up or Reset. The adequate control voltage for the VC(X)O will be provided to the Charge-Pump output by
an internal voltage divider of 1K
Ω/1KΩ to VCC_CP and GND (VCC_CP/2).
This feature helps to get the initial frequency accuracy, i.e. required at CPRI (Common Public Radio Interface) or
OBSAI (Open Base Station Architecture Initiative).
The Preset Charge-Pump to VCC_CP/2 can be set and reset by SPI register.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
53
Product Folder Link(s): CDCE72010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com